công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

YAT-0A bảng dữ liệu(PDF) 3 Page - Mini-Circuits

tên linh kiện YAT-0A
Giải thích chi tiết về linh kiện  Fixed Attenuator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YAT-0A bảng dữ liệu(HTML) 3 Page - Mini-Circuits

  YAT-0A Datasheet HTML 1Page - Mini-Circuits YAT-0A Datasheet HTML 2Page - Mini-Circuits YAT-0A Datasheet HTML 3Page - Mini-Circuits YAT-0A Datasheet HTML 4Page - Mini-Circuits YAT-0A Datasheet HTML 5Page - Mini-Circuits YAT-0A Datasheet HTML 6Page - Mini-Circuits YAT-0A Datasheet HTML 7Page - Mini-Circuits YAT-0A Datasheet HTML 8Page - Mini-Circuits YAT-0A Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 4
Absolute Maximum Ratings
Operating Case Temperature3
-40°C to 85°C
Storage Temperature
-65°C to 150°C
RF Input Power2
2W
3. Case is defined as ground lead.
Permanent damage may occur if any of these limits are exceeded.
YAT-0A+
Electrical Specifications1 at 25°C, 50Ω (CPW)
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
18
GHz
Attenuation
0.01
0
dB
DC - 5
0
0.05
0.2
5 - 15
0
0.15
0.7
15 - 18
0
0.34
0.7
VSWR
DC - 5
1.04
1.30
:1
5 - 15
1.19
1.80
15 - 18
1.52
1.80
Input Power2
DC - 18
2.0
W
1. Tested on Mini-Circuits test board TB-YAT-0A+ using coplanar wave guide (CPW) input and output traces (see suggested PCB layout on page 4 of this data sheet)
2. RF Power at 25°C case temperature: 2.0 Watt. Derate linearly to 1.0 W at 85°C.
0.0
0.1
0.2
0.3
0.4
0
3
6
9
12
15
18
FREQUENCY (GHz)
YAT-0A+
ATTENUATION
1.0
1.2
1.4
1.6
1.8
0
3
6
9
12
15
18
FREQUENCY (GHz)
YAT-0A+
VSWR
Typical Performance Data at 25°C
Frequency
(GHz)
Attenuation
(dB)
VSWR
(:1)
0.010
0.03
1.01
1.0
0.05
1.04
2.0
0.06
1.04
4.0
0.08
1.07
5.0
0.09
1.06
8.0
0.11
1.14
10.0
0.16
1.21
12.0
0.16
1.22
15.0
0.34
1.52
16.0
0.38
1.53
18.0
0.35
1.49
YAT-0A+
TB-YAT-0A+
Characterization Test Circuit
Fig 1. Block diagram of Test Circuit used for characterization, Test board TB-YAT-0A+
Conditions: Attenuation, VSWR: Pin=-10 dBm


Số phần tương tự - YAT-0A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
YAT-0 MINI-YAT-0 Datasheet
235Kb / 4P
   Fixed Attenuator
REV. E
YAT-0++ MINI-YAT-0+ Datasheet
235Kb / 4P
   Fixed Attenuator
REV. E
YAT-0-D MINI-YAT-0-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
More results

Mô tả tương tự - YAT-0A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DAICO Industries, Inc.
DAO960 DAICO-DAO960 Datasheet
106Kb / 1P
   Fixed Attenuator
logo
Mini-Circuits
LAT-30 MINI-LAT-30 Datasheet
251Kb / 1P
   Fixed Attenuator
RCAT-03 MINI-RCAT-03 Datasheet
245Kb / 4P
   Fixed Attenuator
RCAT-04 MINI-RCAT-04 Datasheet
244Kb / 4P
   Fixed Attenuator
RCAT-06 MINI-RCAT-06 Datasheet
245Kb / 4P
   Fixed Attenuator
KAT-2 MINI-KAT-2 Datasheet
231Kb / 4P
   Fixed Attenuator
logo
Yantel Corporation
FAT1820S2 YANTEL-FAT1820S2 Datasheet
150Kb / 2P
   Fixed Attenuator
FAT1830S2 YANTEL-FAT1830S2 Datasheet
150Kb / 2P
   Fixed Attenuator
FAT0660N5 YANTEL-FAT0660N5 Datasheet
136Kb / 2P
   Fixed Attenuator
logo
JFW Industries, Inc.
50FH-XXX-5 JFW-50FH-XXX-5 Datasheet
27Kb / 1P
   FIXED ATTENUATOR
50HFAR-XXX JFW-50HFAR-XXX Datasheet
26Kb / 1P
   FIXED ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com