công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE75242-ESD bảng dữ liệu(PDF) 20 Page - Infineon Technologies AG

tên linh kiện TLE75242-ESD
Giải thích chi tiết về linh kiện  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75242-ESD bảng dữ liệu(HTML) 20 Page - Infineon Technologies AG

Back Button TLE75242-ESD Datasheet HTML 16Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 17Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 18Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 19Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 20Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 21Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 22Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 23Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
Datasheet
20
Rev. 1.0
2017-11-23
TLE75242-ESD
SPIDER+ 12V
Power Supply
Table 6
Device capability as function of VS and VDD
VDD ≤ VDD(UV)
(VDD(UV) = P_6.3.25)
VDD = VDD(LOP)
(VDD(LOP) = P_6.3.24)
VDD > VDD(LOP)
VS ≤ 3.0 V
3.0 V = VS(UV),max
(P_6.3.1)
channels cannot be
controlled
channels cannot be
controlled
channels cannot be
controlled
SPI registers reset
SPI registers available
SPI registers available
SPI communication not
available (fSCLK = 0 MHz)
SPI communication
possible (fSCLK = 1 MHz)
(P_10.4.34)
SPI communication
possible (fSCLK = 5 MHz)
(P_10.4.22)
Limp Home mode not
available
Limp Home mode available
(channels are OFF)
Limp Home mode available
(channels are OFF)
3.0 V < VS ≤ VS(OP)
(VS(OP) = P_6.3.2)
channels cannot be
controlled by SPI
channels can be switched
ON and OFF (SPI control)1)
(RDS(ON) deviations possible)
channels can be switched
ON and OFF (SPI control)1)
(RDS(ON) deviations possible)
SPI registers reset
SPI registers available
SPI registers available
SPI communication not
available (fSCLK = 0 MHz)
SPI communication
possible (fSCLK = 1 MHz)
(P_10.4.34)
SPI communication
possible (fSCLK = 5 MHz)
(P_10.4.22)
Limp Home mode
available1) (RDS(ON)
deviations possible)
1) undervoltage condition on VS must be considered - see Chapter 6.2.1 for more details
Limp Home mode
available1) (RDS(ON)
deviations possible)
Limp Home mode
available1) (RDS(ON)
deviations possible)
VS ≥ VS(OP)
channels cannot be
controlled by SPI
channels can be switched
ON and OFF
(small RDS(ON) dev. possible
when VS = VS(EXT,LOW))
channels can be switched
ON and OFF
(small RDS(ON) dev. possible
when VS = VS(EXT,LOW))
SPI registers reset
SPI registers available
SPI registers available
SPI communication not
available (fSCLK = 0 MHz)
SPI communication
possible (fSCLK = 5 MHz)
(P_10.4.22)
SPI communication
possible (fSCLK = 5 MHz)
(P_10.4.22)
Limp Home mode available
(small RDS(ON) dev. possible
when VS = VS(EXT,LOW))
Limp Home mode available
(small RDS(ON) dev. possible
when VS = VS(EXT,LOW))
Limp Home mode available
(small RDS(ON) dev. possible
when VS = VS(EXT,LOW))


Số phần tương tự - TLE75242-ESD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Mô tả tương tự - TLE75242-ESD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75602-ESH INFINEON-TLE75602-ESH Datasheet
2Mb / 82P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com