công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE75242-ESD bảng dữ liệu(PDF) 60 Page - Infineon Technologies AG

tên linh kiện TLE75242-ESD
Giải thích chi tiết về linh kiện  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75242-ESD bảng dữ liệu(HTML) 60 Page - Infineon Technologies AG

Back Button TLE75242-ESD Datasheet HTML 56Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 57Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 58Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 59Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 60Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 61Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 62Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 63Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 64Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
Datasheet
60
Rev. 1.0
2017-11-23
TLE75242-ESD
SPIDER+ 12V
Serial Peripheral Interface (SPI)
OLOFF
8r
Open Load in OFF Diagnosis
0B
(default) All channels in OFF state (which have
DIAG_IOL.OUTn bit set to “1”) have VDS > VDS(OL) (Low-Side
channels and Auto-configurable used as Low-Side switches) or
VOUT_S < VOUT_S(OL) (High-Side channels and Auto-configurable
used as High-Side switches)
1B
At least one channel in OFF state (with DIAG_IOL.OUTn bit
set to “1”) has VDS< VDS(OL) (Low-Side channels and Auto-
configurable used as Low-Side switches) or VOUT_S > VOUT_S(OL)
(High-Side channels and Auto-configurable used as High-Side
switches)
Channels in ON state are not considered
ERRn
n = 7 to 0
n:0
r
Over Load / Over Temperature Diagnosis of channel n
0B
(default) No failure detected
1B
Over Temperature or Over Load
Field
Bits
Type
Description


Số phần tương tự - TLE75242-ESD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Mô tả tương tự - TLE75242-ESD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75602-ESH INFINEON-TLE75602-ESH Datasheet
2Mb / 82P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com