công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE75242-ESD bảng dữ liệu(PDF) 33 Page - Infineon Technologies AG

tên linh kiện TLE75242-ESD
Giải thích chi tiết về linh kiện  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75242-ESD bảng dữ liệu(HTML) 33 Page - Infineon Technologies AG

Back Button TLE75242-ESD Datasheet HTML 29Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 30Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 31Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 32Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 33Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 34Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 35Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 36Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
Datasheet
33
Rev. 1.0
2017-11-23
TLE75242-ESD
SPIDER+ 12V
Power Stages
7
Power Stages
The TLE75242-ESD is an eight channels low-side and high-side relay switch. The power stages are built by N-
channel lateral power MOSFET transistors.
There are two auto-configurable channels which can be used either as low-side or as high-side switches. They
adjust the diagnostic and protective functions according their potential at drain and source automatically. For
these channels a charge pump is connected to the output MOSFET gate.
In high-side configuration, the load is connected between ground and source of the power transistor (pins
OUTn_S, n = 2, 3). The drains of the power transistors (OUTn_D, with “n” equal to the configurable channel
number) can be connected to any potential between ground and VS. When the drain is connected to VS, the
channel behave like an high-side switch.
In low-side configuration, the source of the power transistors must be connected to GND pin potential (either
directly or through a reverse current blocking diode).
The configuration can be chosen for each of these channels individually, therefore it is feasible to connect one
or more channels in low-side configuration, while the remaining auto-configurable are used as high-side
switches.
The supply voltage VS_HS can be connected to any potential between ground and VS. A charge pump is
connected to the output MOSFET gate.
7.1
Output ON-state resistance
The ON-state resistance RDS(ON) depends on the supply voltage as well as the junction temperature TJ.
7.1.1
Switching Resistive Loads
When switching resistive loads the following switching times and slew rates can be considered.
Figure 16 Switching a Resistive Load
7.1.2
Inductive Output Clamp
When switching off inductive loads, the voltage across the power switch rises to VDS(CL) potential, because the
inductance intends to continue driving the current. The potential at Output pin is not allowed to go below
VOUT_S(CL) or VOUT(CL). The voltage clamping is necessary to prevent device destruction.
VDS
t
SwitchON .emf
tON
tOFF
t
90% of VS
dV /
dtON
70%
dV /
dtOFF
30%
tDELAY(ON)
tDELAY(OFF)
INn /
OUT.OUTn
70% of VS
30% of VS
10% of VS


Số phần tương tự - TLE75242-ESD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Mô tả tương tự - TLE75242-ESD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75602-ESH INFINEON-TLE75602-ESH Datasheet
2Mb / 82P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com