công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE75242-ESD bảng dữ liệu(PDF) 22 Page - Infineon Technologies AG

tên linh kiện TLE75242-ESD
Giải thích chi tiết về linh kiện  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75242-ESD bảng dữ liệu(HTML) 22 Page - Infineon Technologies AG

Back Button TLE75242-ESD Datasheet HTML 18Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 19Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 20Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 21Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 22Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 23Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 24Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 25Page - Infineon Technologies AG TLE75242-ESD Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
Datasheet
22
Rev. 1.0
2017-11-23
TLE75242-ESD
SPIDER+ 12V
Power Supply
Table 7 shows the correlation between device operation modes, VS and VDD supply voltages, and state of the
most important functions (channels operativity, SPI communication and SPI registers).
6.1.1
Power-up
The Power-up condition is satisfied when one of the supply voltages (VS or VDD) is applied to the device and the
INn or IDLE pins are set to “high”. If VS is above the threshold VS(OP) or if VDD is above the threshold VDD(LOP) the
internal power-on signal is set.
6.1.2
Sleep mode
When TLE75242-ESD is in Sleep mode, all outputs are OFF and the SPI registers are reset, independently from
the supply voltages. The current consumption is minimum. See parameters IVDD(SLEEP) and IVS(SLEEP), or
parameter ISLEEP for the whole device.
6.1.3
Idle mode
In Idle mode, the current consumption of the device can reach the limits given by parameters IVDD(IDLE) and
IVS(IDLE), or by parameter IIDLE for the whole device. The internal voltage regulator is working. Diagnosis
functions are not available. The output channels are switched OFF, independently from the supply voltages.
When VDD is available, the SPI registers are working and SPI communication is possible. In Idle mode the ERRn
bits are not cleared for functional safety reasons.
Table 7
Device function in relation to operation modes, VS and VDD voltages
Operation
Mode
Function
Undervoltage
condition on VS1)
VDD ≤ VDD(UV)
1) see Chapter 6.2.1 for more details
Undervoltage
condition on VS
VDD > VDD(UV)
VS not in
undervoltage
VDD ≤ VDD(UV)
VS not in
undervoltage
VDD >VDD(UV)
Sleep
Channels
not available
not available
not available
not available
SPI comm.
not available
not available
not available
not available
SPI registers
reset
reset
reset
reset
Idle
Channels
not available
not available
not available
not available
SPI comm.
not available
not available
SPI registers
reset
reset
Active
Channels
not available
not available
✔ (IN pins only)
SPI comm.
not available
not available
SPI registers
reset
reset
Limp Home Channels
not available
not available
✔ (IN pins only)
✔ (IN pins only)
SPI comm.
not available
✔ (read-only)
not available
✔ (read-only)
SPI registers
reset
✔ (read-only)2)
2) see Chapter 6.1.5 for a detailed overview
reset
✔ (read-only)2)


Số phần tương tự - TLE75242-ESD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Mô tả tương tự - TLE75242-ESD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75602-ESH INFINEON-TLE75602-ESH Datasheet
2Mb / 82P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com