công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTS7006-1EPZ bảng dữ liệu(PDF) 32 Page - Infineon Technologies AG

tên linh kiện BTS7006-1EPZ
Giải thích chi tiết về linh kiện  PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7006-1EPZ bảng dữ liệu(HTML) 32 Page - Infineon Technologies AG

Back Button BTS7006-1EPZ Datasheet HTML 28Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 29Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 30Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 31Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 32Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 33Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 34Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 35Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
Data Sheet
32
Rev. 1.00
2019-10-15
BTS7006-1EPZ
PROFET™+2 12V
Protection
Power supply voltage VS can increase above 18 V for short time, for instance in Load Dump or in Jump Start
condition. Whenever VS ≥ VS(JS), the overload detection current is set to IL(OVL_JS) as shown in Figure 25.
Figure 25 Overload Detection Current variation with VS voltage
When IL ≥ IL(OVL) (either IL(OVL0) or IL(OVL1)) the channel is switched OFF. The channel is allowed to be reactivated
according to the intelligent latch strategy described in Chapter 8.3.
8.3
Protection and Diagnosis in case of Fault
Any event that triggers a protection mechanism (either Overtemperature or Overload) has 2 consequences:
• The channel switches OFF and the internal latch is set to “1”
• If the diagnosis is active for the channel, a current IIS(FAULT) is provided by IS pin (see Chapter 9.2.2 for
further details)
The channel can be switched ON again if all the protection mechanisms fulfill the ”reactivation” conditions
described in Table 14. Furthermore, the device has the intelligent latch to protect itself against unwanted
repetitive reactivation in fault condition.
8.3.1
Intelligent Latch Strategy
At normal condition, when IN is set to “high”, the channel is switched ON. In case of fault condition the output
stage latches OFF. There are two ways to de-latch the switch.
With IN pin:
It is necessary to set the input pin to “low” for a time longer than tDELAY(LR) (“latch reset delay” time) to de-latch
the channel. The channel can be allowed to restart only if the “latch” conditions for the protection
mechanisms are fulfilled (see Table 14 ).
Table 14
Protection “Reactivation” Condition
Fault condition
Switch OFF event
“Reactivation” condition
Overtemperature
TJ ≥ TJ(ABS) or (TJ - TJ(REF)) ≥ TJ(DYN)
TJ < TJ(ABS) and (TJ - TJ(REF)) < TJ(DYN)
(including hysteresis)
Overload
IL ≥ IL(OVL)
Device is OFF
Protection_JS.emf
IL(OVL)
VS
VS(JS)
IL(OVL_JS)


Số phần tương tự - BTS7006-1EPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BTS7006-1EPP INFINEON-BTS7006-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
More results

Mô tả tương tự - BTS7006-1EPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BTS7006-1EPP INFINEON-BTS7006-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7010-1EPA INFINEON-BTS7010-1EPA Datasheet
1Mb / 58P
   PROFET??2 12V 1x 10 m廓 Smart High-Side Power Switch
Rev. 1.02 2019-10-15
BTS7008-1EPZ INFINEON-BTS7008-1EPZ Datasheet
1Mb / 59P
   PROFET??2 12V 1x 8 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7012-1EPA INFINEON-BTS7012-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 12 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-30
BTS7008-1EPP INFINEON-BTS7008-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 8.8 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7004-1EPZ INFINEON-BTS7004-1EPZ Datasheet
1Mb / 57P
   PROFET??2 12V 1x 4.4 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7002-1EPP INFINEON-BTS7002-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 2.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7040-1EPZ INFINEON-BTS7040-1EPZ Datasheet
1Mb / 59P
   PROFET??2 12V 1x 19 m廓Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7040-1EPA INFINEON-BTS7040-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 40 m廓 PROFET??2 12V 1x 40 m廓
Rev. 1.03 2019-10-30
BTS7008-2EPA INFINEON-BTS7008-2EPA Datasheet
1Mb / 64P
   PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.14 2019-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com