công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTS7006-1EPP bảng dữ liệu(PDF) 2 Page - Infineon Technologies AG

tên linh kiện BTS7006-1EPP
Giải thích chi tiết về linh kiện  PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7006-1EPP bảng dữ liệu(HTML) 2 Page - Infineon Technologies AG

  BTS7006-1EPP Datasheet HTML 1Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 2Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 3Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 4Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 5Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 6Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 7Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 8Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
Data Sheet
2
Rev.1.04
2019-10-15
BTS7006-1EPP
PROFET™+2 12V
Overview
Basic Features
• High-Side Switch with Diagnosis and Embedded Protection
• Part of PROFET™+2 12V Family
• ReverseON for low power dissipation in Reverse Polarity
• Green Product (RoHS compliant)
Protection Features
• Absolute and dynamic temperature limitation with controlled reactivation
• Overcurrent protection (tripping) with Intelligent Latch
• Undervoltage shutdown
• Overvoltage protection with external components (as shown in Figure 37)
Diagnostic Features
• Proportional load current sense
• Open Load in ON and OFF state
• Short circuit to ground and battery
Product Validation
Qualified for automotive applications. Product validation according to AEC-Q100 Grade 1.
Description
The BTS7006-1EPP is a Smart High-Side Power Switch, providing protection functions and diagnosis.
Table 1
Product Summary
Parameter
Symbol
Values
Minimum Operating voltage
VS(OP)
4.1 V
Minimum Operating voltage (cranking)
VS(UV)
3.1 V
Maximum Operating voltage
VS
28 V
Minimum Overvoltage protection (TJ ≥ 25 °C)
VDS(CLAMP)_25
35 V
Maximum current in OFF mode (TJ ≤ 85 °C)
IVS(OFF)_85
0.4 µA
Maximum operative current
IGND(ON_D)
3 mA
Typical ON-state resistance (TJ = 25 °C)
RDS(ON)_25
6.6 mΩ
Maximum ON-state resistance (TJ = 150 °C)
RDS(ON)_150
12 mΩ
Nominal load current (TA = 85 °C)
IL(NOM)
12.5 A
Minimum overload detection current
IL(OVL0)_-40
81 A
Typical current sense ratio at IL = IL(NOM)
kILIS
17700


Số phần tương tự - BTS7006-1EPP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BTS7006-1EPZ INFINEON-BTS7006-1EPZ Datasheet
1Mb / 57P
   PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
More results

Mô tả tương tự - BTS7006-1EPP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BTS7006-1EPZ INFINEON-BTS7006-1EPZ Datasheet
1Mb / 57P
   PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7010-1EPA INFINEON-BTS7010-1EPA Datasheet
1Mb / 58P
   PROFET??2 12V 1x 10 m廓 Smart High-Side Power Switch
Rev. 1.02 2019-10-15
BTS7008-1EPZ INFINEON-BTS7008-1EPZ Datasheet
1Mb / 59P
   PROFET??2 12V 1x 8 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7012-1EPA INFINEON-BTS7012-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 12 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-30
BTS7008-1EPP INFINEON-BTS7008-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 8.8 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7004-1EPZ INFINEON-BTS7004-1EPZ Datasheet
1Mb / 57P
   PROFET??2 12V 1x 4.4 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7002-1EPP INFINEON-BTS7002-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 2.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7040-1EPZ INFINEON-BTS7040-1EPZ Datasheet
1Mb / 59P
   PROFET??2 12V 1x 19 m廓Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7040-1EPA INFINEON-BTS7040-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 40 m廓 PROFET??2 12V 1x 40 m廓
Rev. 1.03 2019-10-30
BTS7008-2EPA INFINEON-BTS7008-2EPA Datasheet
1Mb / 64P
   PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.14 2019-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com