công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTF3050TE bảng dữ liệu(PDF) 27 Page - Infineon Technologies AG

tên linh kiện BTF3050TE
Giải thích chi tiết về linh kiện  Smart Low-Side Power Switch
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTF3050TE bảng dữ liệu(HTML) 27 Page - Infineon Technologies AG

Back Button BTF3050TE Datasheet HTML 23Page - Infineon Technologies AG BTF3050TE Datasheet HTML 24Page - Infineon Technologies AG BTF3050TE Datasheet HTML 25Page - Infineon Technologies AG BTF3050TE Datasheet HTML 26Page - Infineon Technologies AG BTF3050TE Datasheet HTML 27Page - Infineon Technologies AG BTF3050TE Datasheet HTML 28Page - Infineon Technologies AG BTF3050TE Datasheet HTML 29Page - Infineon Technologies AG BTF3050TE Datasheet HTML 30Page - Infineon Technologies AG BTF3050TE Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Datasheet
27
Rev. 1.1, 2018-08-28
HITFET - BTF3050TE
Smart Low-Side Power Switch
Electrical Characteristics
Table 6
Electrical characteristics: Protection
T
J = -40 °C to +150 °C, VDD = 3.0 V to 5.5 V, VBAT = 8 V to 18 V, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
9.3
Diagnostics
Please see Chapter “Diagnostics” on Page 21 for description and further details.
Pos. Parameter
Symbol
Limit Values
Unit
Note /
Test Condition
Min. Typ. Max.
Thermal shut down 1)
1) Not subject to production test, specified by design.
9.2.1 Thermal shut down
junction temperature
T
J(SD)
150
175
200
°C
1)
9.2.2 Thermal hysteresis
ΔTJ(SD)_HYS
–15
K
1)
9.2.3 Dynamic temperature limitation
ΔTJ(SW)
–70
K
1)
Over Voltage Protection / Clamping
9.2.4 Drain clamp voltage
VOUT(CLAMP)
40
V
V
IN = 0 V; ID = 10 mA;
V
DD = 5V
Current limitation
9.2.5 Current limitation trigger level
I
L(LIM)_TRIGGER
30
45
60
A
V
IN = 5 V;
V
DD = 5V;
V
DS = VBAT
9.2.6 Current limitation level
I
L(LIM)
815
20
A
V
IN = 5 V;
V
DD = 5V;
settled value;
V
DS = VBAT
Table 7
Electrical Characteristics: Diagnostics
T
J = -40 °C to +150 °C, VDD = 3.0 V to 5.5 V, VBAT = 8 V to 18 V, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Pos. Parameter
Symbol
Limit Values
Unit Note /
Test Condition
Min. Typ. Max.
Feedback pin
9.3.1 allowed SRP pin voltage operation
range
V
SRP
-0.3
5.5
V
V
SRP < VDD
9.3.2 SRP voltage in normal operation
during slew rate adjustment mode
V
SRP(NOR)
–0.6
0.8
V
9.3.3 SRP voltage in fault feedback mode
(latched)
V
SRP(FAULT)
0.7
1
xVDD RSRP > 5 kΩ;
see also 9.3.4
fault feedback latched
9.3.4 SRP pull-up current in fault feedback
mode
I
SRP(FAULT)
–1.8
mA
VDD = 5 V;
VBAT > 13.5 V
internal limited
9.3.5 Slew rate resistor range for normal
operation,
latched fault feedback available
R
SRP(NOR)
5–
70
k
Ω
1)
latched fault available


Số phần tương tự - BTF3050TE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BTF3050EJ INFINEON-BTF3050EJ Datasheet
3Mb / 59P
   Smart Low-Side Power Switch
Rev. 1.0 2018-08-08
More results

Mô tả tương tự - BTF3050TE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com