công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISD94100 bảng dữ liệu(PDF) 86 Page - Nuvoton Technology Corporation

tên linh kiện ISD94100
Giải thích chi tiết về linh kiện  ISD ARM짰 Cortex짰-M4F SoC
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD94100 bảng dữ liệu(HTML) 86 Page - Nuvoton Technology Corporation

Back Button ISD94100 Datasheet HTML 82Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 83Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 84Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 85Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 86Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 87Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 88Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 89Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 90Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 109 page
background image
ISD94100 Series Datasheet
Sep 09, 2019
Page 86 of 109
Rev1.13
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
IIDLE14
-
2
-
mA
VDD
3.3V
HXT_GM
4 MHz
HIRC
Disabled
PLL
Disabled
All digital
modules
Disabled
IIDLE15
-
2.3
-
mA
VDD
1.8V
HXT_GM
4 MHz
HIRC
Disabled
PLL
Disabled
All digital
modules
Enabled
IIDLE16
-
1.7
-
mA
VDD
1.8V
HXT_GM
4 MHz
HIRC
Disabled
PLL
Disabled
All digital
modules
Disabled
IPWD1
Power-down Mode
(PD)
-
700
3500
A
VDD = 3.3 V, All oscillators and analog
blocks turned off. LIRC on
IPWD2
-
700
-
A
VDD = 1.8 V, All oscillators and analog
blocks turned off. LIRC on
IPWD1
Low
Leakage
Power-
down Mode
(LLPD)
-
350
1500
A
VDD = 3.3 V, All oscillators and analog
blocks turned off. LIRC on
IPWD2
-
350
-
A
VDD = 1.8 V, All oscillators and analog
blocks turned off. LIRC on
IPWD1
Standby Current
Power-down Mode
(SPD0 SRAM retention)
-
25
70
A
VDD = 3.3 V, All oscillators and analog
blocks turned off. LIRC on
IPWD2
-
25
-
A
VDD = 1.8 V, All oscillators and analog
blocks turned off. LIRC on
IPWD1
Standby Current
Power-down Mode
(SPD1)
-
15
46
A
VDD = 3.3 V, All oscillators and analog
blocks turned off. LIRC on
IPWD2
-
15
-
A
VDD = 1.8 V, All oscillators and analog
blocks turned off. LIRC on
IPWD1
Deep
Power-down Mode
(DPD)
-
2
6
A
VDD = 3.3 V, All oscillators and analog
blocks turned off. LIRC on
USB_VDD33 pin floating.
IPWD2
-
2
-
A
VDD = 1.8 V, All oscillators and analog
blocks turned off. LIRC on
USB_VDD33 pin floating.


Số phần tương tự - ISD94100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ISD9100 ETC2-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex-M0 ChipCorder
logo
Nuvoton Technology Corp...
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex??M0 ChipCorder
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
More results

Mô tả tương tự - ISD94100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nuvoton Technology Corp...
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
M480 NUVOTON-M480 Datasheet
8Mb / 401P
   32-bit ARM짰 Cortex짰-M4F Microcontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C49J0AGB10000 TI1-S6E2C49J0AGB10000 Datasheet
4Mb / 193P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com