công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISD94100 bảng dữ liệu(PDF) 70 Page - Nuvoton Technology Corporation

tên linh kiện ISD94100
Giải thích chi tiết về linh kiện  ISD ARM짰 Cortex짰-M4F SoC
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD94100 bảng dữ liệu(HTML) 70 Page - Nuvoton Technology Corporation

Back Button ISD94100 Datasheet HTML 66Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 67Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 68Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 69Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 70Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 71Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 72Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 73Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 74Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 109 page
background image
ISD94100 Series Datasheet
Sep 09, 2019
Page 70 of 109
Rev1.13
6.16 Enhanced 12-bit Analog-to-Digital Converter (EADC)
6.16.1
Overview
The ISD94100 series contains one 12-bit successive approximation analog-to-digital converter
(SAR ADC converter) with 13 external input channels. The ADC converter can be started by
software trigger, PWM0 triggers, timer0~3 overflow pulse triggers, ADINT0, ADINT1 interrupt EOC
(End of conversion) pulse trigger and external pin (EADC0_ST) input signal.
6.16.2
Features
Analog input voltage range: 0~AVDD.
Reference voltage from AVDD.
12-bit resolution and 9-bit accuracy is guaranteed.
Up to 13 single-end analog external input channels.
Four ADC interrupts (ADINT0~3) with individual interrupt vector addresses.
Maximum ADC clock frequency is 60 MHz.
Up to 2 MSPS conversion rate.
Configurable ADC internal sampling time.
12-bit, 10-bit, 8-bit, 6-bit configurable resolution.
Supports calibration capability when EADC enabled.
Supports three power saving modes:
Deep Power-down mode
Power-down mode.
Standby mode.
Up to 13 sample modules
Each of sample modules which is configurable for ADC converter channel
EADC_CH0~12 and trigger source.
Double buffer for sample control logic module 0~3
Configurable sampling time for each sample module.
Conversion results are held in 13 data registers with valid and overrun indicators.
An ADC conversion can be started by:
Write 1 to SWTRGn (EADC_SWTRG[n] , n = 0~12)
External pin EADC0_ST
Timer0~3 overflow pulse triggers
ADINT0 and ADINT1 interrupt EOC (End of conversion) pulse triggers
PWM triggers
Supports PDMA transfer


Số phần tương tự - ISD94100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ISD9100 ETC2-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex-M0 ChipCorder
logo
Nuvoton Technology Corp...
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex??M0 ChipCorder
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
More results

Mô tả tương tự - ISD94100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nuvoton Technology Corp...
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
M480 NUVOTON-M480 Datasheet
8Mb / 401P
   32-bit ARM짰 Cortex짰-M4F Microcontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C49J0AGB10000 TI1-S6E2C49J0AGB10000 Datasheet
4Mb / 193P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com