công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE75602-ESH bảng dữ liệu(PDF) 75 Page - Infineon Technologies AG

tên linh kiện TLE75602-ESH
Giải thích chi tiết về linh kiện  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESH bảng dữ liệu(HTML) 75 Page - Infineon Technologies AG

Back Button TLE75602-ESH Datasheet HTML 71Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 72Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 73Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 74Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 75Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 76Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 77Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 78Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 79Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
Datasheet
75
Rev. 1.0
2017-11-23
TLE75602-ESH
SPIDER+ 12V
Application Information
11
Application Information
Note:
The following information is given as a hint for the implementation of the device only and shall not
be regarded as a description or warranty of a certain functionality, condition or quality of the device.
Figure 41 TLE75602-ESH Application Diagram
Note:
This is a very simplified example of an application circuit. The function must be verified in the real
application.
Table 22
Suggested Component values
Reference
Value
Purpose
RIN
4.7 kΩ
Protection of the micro-controller during Over Voltage and Reverse Polarity
Guarantee TLE75602-ESH channels OFF during Loss of Ground
RIDLE
4.7 kΩ
Protection of the micro-controller during Over Voltage and Reverse Polarity
Guarantee TLE75602-ESH channels OFF during Loss of Ground
RCSN
500 Ω
Protection of the micro-controller during Over Voltage and Reverse Polarity
RSCLK
500 Ω
Protection of the micro-controller during Over Voltage and Reverse Polarity
RSI
500 Ω
Protection of the micro-controller during Over Voltage and Reverse Polarity
RSO
500 Ω
Protection of the micro-controller during Over Voltage and Reverse Polarity
VBATT
OUT5_S
OUT5_D
OUT4_S
OUT4_D
OUT3_S
OUT3_D
OUT7_S
OUT7_D
OUT6_S
OUT6_D
OUT1_LS
OUT0_LS
Application_6XS2LS.emf
ZVS
IDLE
IN1
SO
GND
VDD
CVDD
IN0_LH
IN1_LH
LIMPHOME
RIN
GPO
VDD
RIN
RIDLE
RCSN
RSCLK
RSI
RSO
SI
CSN
VDD
SCLK
IN0
VS
GPO
GPO
GPO
GPO
GPO
GPI
GND
VBATT1
VBATT2
VBATT3
CVS
OUT2_S
OUT2_D
RVDD
RLH


Số phần tương tự - TLE75602-ESH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE75602-ESD INFINEON-TLE75602-ESD Datasheet
2Mb / 70P
   SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Mô tả tương tự - TLE75602-ESH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com