công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE75602-ESH bảng dữ liệu(PDF) 22 Page - Infineon Technologies AG

tên linh kiện TLE75602-ESH
Giải thích chi tiết về linh kiện  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESH bảng dữ liệu(HTML) 22 Page - Infineon Technologies AG

Back Button TLE75602-ESH Datasheet HTML 18Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 19Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 20Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 21Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 22Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 23Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 24Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 25Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
Datasheet
22
Rev. 1.0
2017-11-23
TLE75602-ESH
SPIDER+ 12V
Power Supply
6.1
Operation Modes
TLE75602-ESH has the following operation modes:
•Sleep mode
• Idle mode
•Active mode
• Limp Home mode
The transition between operation modes is determined according to following levels and states:
• logic level at IDLE pin
• logic level at INn pins
• OUT.OUTn bits state
• HWCR.ACT bit state
• HWCR_PWM.PWM0 and HWCR_PWM.PWM1 bits state
The state diagram including the possible transitions is shown in Figure 13. The behaviour of TLE75602-ESH as
well as some parameters may change in dependence from the operation mode of the device. Furthermore,
due to the undervoltage detection circuitry which monitors VS and VDD supply voltages, some changes within
the same operation mode can be seen accordingly.
The operation mode of the TLE75602-ESH can be observed by:
• status of output channels
• status of SPI registers
• current consumption at VDD pin (IVDD)
• current consumption at VS pin (IVS)
The default operation mode to switch ON the loads is Active mode. If the device is not in Active mode and a
request to switch ON one or more outputs comes (via SPI or via Input pins), it will switch into Active or Limp
Home mode, according to IDLE pin status. Due to the time needed for such transitions, output turn-on time
tON will be extended due to the mode transition latency.


Số phần tương tự - TLE75602-ESH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE75602-ESD INFINEON-TLE75602-ESD Datasheet
2Mb / 70P
   SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Mô tả tương tự - TLE75602-ESH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com