công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ITS4130Q-EP-D bảng dữ liệu(PDF) 6 Page - Infineon Technologies AG

tên linh kiện ITS4130Q-EP-D
Giải thích chi tiết về linh kiện  130 m廓 Quad Channel Smart High-Side Power Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS4130Q-EP-D bảng dữ liệu(HTML) 6 Page - Infineon Technologies AG

Back Button ITS4130Q-EP-D Datasheet HTML 2Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 3Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 4Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 5Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 6Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 7Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 8Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 9Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Data Sheet
6
Rev. 1.0
2018-06-14
ITS4130Q-EP-D
130 mΩ Quad Channel Smart High-Side Power Switch
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment PG-TSDSO-14
Figure 2
Pin Configuration PG-TSDSO-14
3.2
Pin Definitions and Functions PG-TSDSO-14
Pin
Symbol
Function
1TM
Test Mode Entry; must be connected to device GND (pin 2) via resistor 1)
1) To ensure proper functionality of the device the TM pin must be connected to device ground. In order to protect the
pin furthermore in case of reverse polarity conditions or ground shifts the TM pin needs to be connected with a serial
resistor to device ground. The recommended value for this resistor is 2.2 kΩ.
2GND
Ground pin
3IN1
INput channel 1; Input signal for channel 1 activation, Active “High”
4IN2
INput channel 2; Input signal for channel 2 activation, Active “High”
5ST
STatus Feedback; Active “Low”, connect with external pull-up resistor to
“High”
6IN3
INput channel 3; Input signal for channel 3 activation, Active “High”
7IN4
INput channel 4; Input signal for channel 4 activation, Active “High”
8OUT4
OUTput 4; Protected high side power output channel 4
10
OUT3
OUTput 3; Protected high side power output channel 3
12
OUT2
OUTput 2; Protected high side power output channel 2
14
OUT1
OUTput 1; Protected high side power output channel 1
9,11,13
N.C.
Not Connected
Exposed Pad
VS
Voltage Supply
OUT1
OUT4
N.C.
OUT3
N.C.
OUT2
N.C.
TM
IN4
ST
IN1
IN2
GND
1
2
3
4
5
6
7
14
9
10
11
12
13
8
IN3


Số phần tương tự - ITS4130Q-EP-D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&K Components
ITS4130-F-V1-S-TR CK-COMPONENTS-ITS4130-F-V1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR1-S-TR CK-COMPONENTS-ITS4130-FR1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR2-S-TR CK-COMPONENTS-ITS4130-FR2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR3N-S-TR CK-COMPONENTS-ITS4130-FR3N-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FV2-S-TR CK-COMPONENTS-ITS4130-FV2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
More results

Mô tả tương tự - ITS4130Q-EP-D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
ITS4090Q-EP-D INFINEON-ITS4090Q-EP-D Datasheet
1Mb / 42P
   90 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
ITS4075Q-EP-D INFINEON-ITS4075Q-EP-D Datasheet
1Mb / 42P
   75 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.01 2018-06-14
logo
Texas Instruments
TPS4H160-Q1 TI1-TPS4H160-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   40-V, 160-m廓 Quad-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
BTT6030-1ERA INFINEON-BTT6030-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 31 m廓
Rev.1.00 2019-03-09
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com