công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ITS4130Q-EP-D bảng dữ liệu(PDF) 34 Page - Infineon Technologies AG

tên linh kiện ITS4130Q-EP-D
Giải thích chi tiết về linh kiện  130 m廓 Quad Channel Smart High-Side Power Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS4130Q-EP-D bảng dữ liệu(HTML) 34 Page - Infineon Technologies AG

Back Button ITS4130Q-EP-D Datasheet HTML 30Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 31Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 32Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 33Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 34Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 35Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 36Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 37Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Data Sheet
34
Rev. 1.0
2018-06-14
ITS4130Q-EP-D
130 mΩ Quad Channel Smart High-Side Power Switch
Input Pins
8
Input Pins
8.1
Input Circuitry
The input circuitry is compatible with 3.3 V and 5 V microcontrollers as well as input levels up to
VS 1). The
concept of the input pin is to react to voltage thresholds which are referenced to device ground. An
implemented Schmitt trigger avoids any undefined state if the voltage on the input pin is slowly increasing or
decreasing. The output is either OFF or ON but cannot be in a linear or undefined state. Figure 20 shows the
electrical equivalent input circuitry. In case a channel is permanently not needed, the corresponding input pin
shall not be left floating but tied with a serial resistor to device ground (not module ground). The
recommended value for the serial resistor is 2.2 kΩ.
Figure 20 Input Pin Circuitry
8.2
Input Pin Voltage
The input pin IN uses a comparator with hysteresis. Switching “ON / OFF” of the channels takes place in a
defined region, set by the thresholds
VIN(L),max and VIN(H),min. The exact values where the “ON” and “OFF” take
1)
VIN must not exceed VS. The relation VIN VS must always be fulfilled.
ITS4130Q-EP-D
OUTx
INx
Device
Logic
Gate
Driver
GND
Bias
ZGND
Inv.
Comp
VS
VIH


Số phần tương tự - ITS4130Q-EP-D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&K Components
ITS4130-F-V1-S-TR CK-COMPONENTS-ITS4130-F-V1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR1-S-TR CK-COMPONENTS-ITS4130-FR1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR2-S-TR CK-COMPONENTS-ITS4130-FR2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR3N-S-TR CK-COMPONENTS-ITS4130-FR3N-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FV2-S-TR CK-COMPONENTS-ITS4130-FV2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
More results

Mô tả tương tự - ITS4130Q-EP-D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
ITS4090Q-EP-D INFINEON-ITS4090Q-EP-D Datasheet
1Mb / 42P
   90 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
ITS4075Q-EP-D INFINEON-ITS4075Q-EP-D Datasheet
1Mb / 42P
   75 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.01 2018-06-14
logo
Texas Instruments
TPS4H160-Q1 TI1-TPS4H160-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   40-V, 160-m廓 Quad-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
BTT6030-1ERA INFINEON-BTT6030-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 31 m廓
Rev.1.00 2019-03-09
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com