công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ITS4075Q-EP-D bảng dữ liệu(PDF) 14 Page - Infineon Technologies AG

tên linh kiện ITS4075Q-EP-D
Giải thích chi tiết về linh kiện  75 m廓 Quad Channel Smart High-Side Power Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS4075Q-EP-D bảng dữ liệu(HTML) 14 Page - Infineon Technologies AG

Back Button ITS4075Q-EP-D Datasheet HTML 10Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 11Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 12Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 13Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 14Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 15Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 16Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 17Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Data Sheet
14
Rev. 1.01
2018-06-14
ITS4075Q-EP-D
75 mΩ Quad Channel Smart High-Side Power Switch
Power Stage
5
Power Stage
The power stages are built using an N-channel vertical power MOSFET (DMOS) with charge pump.
5.1
Output ON-state Resistance
The ON-state resistance
RDS(ON) of the power stage depends on supply voltage as well as on junction
temperature
Tj. Figure 6 shows the influence of temperature on the typical ON-state resistance. The behavior
of the power stage in reverse polarity condition is described in Chapter 6.3.
Figure 6
Typical ON-state Resistance
5.2
Turn ON/OFF Characteristics with Resistive Load
A “High” signal at the input pin (see Chapter 8) causes the power DMOS to switch ON with a dedicated slope,
which is optimized in terms of EMC emission.
Figure 7 shows the typical timing when switching a resistive load.
Figure 7
Switching a Resistive Load Timing
−50
0
50
100
150
0
20
40
60
80
100
120
140
160
T
j
[
°C]
IN
t
VOUT
tON
tON_delay
tOFF
90% VS
10% VS
VIN_H
VIN_L
t
Switching times.vsd
tOFF_delay
30% VS
70% VS
dV/dt ON
dV/dt OFF


Số phần tương tự - ITS4075Q-EP-D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&K Components
ITS40-00-F-V1-S-TR CK-COMPONENTS-ITS40-00-F-V1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS40-00-FR1-S-TR CK-COMPONENTS-ITS40-00-FR1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS40-00-FR2-S-TR CK-COMPONENTS-ITS40-00-FR2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS40-00-FR3N-S-TR CK-COMPONENTS-ITS40-00-FR3N-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS40-00-FV2-S-TR CK-COMPONENTS-ITS40-00-FV2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
More results

Mô tả tương tự - ITS4075Q-EP-D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
ITS4090Q-EP-D INFINEON-ITS4090Q-EP-D Datasheet
1Mb / 42P
   90 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
ITS4130Q-EP-D INFINEON-ITS4130Q-EP-D Datasheet
1Mb / 42P
   130 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
logo
Texas Instruments
TPS4H160-Q1 TI1-TPS4H160-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   40-V, 160-m廓 Quad-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
BTT6030-1ERA INFINEON-BTT6030-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 31 m廓
Rev.1.00 2019-03-09
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com