công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ITS4075Q-EP-D bảng dữ liệu(PDF) 23 Page - Infineon Technologies AG

tên linh kiện ITS4075Q-EP-D
Giải thích chi tiết về linh kiện  75 m廓 Quad Channel Smart High-Side Power Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS4075Q-EP-D bảng dữ liệu(HTML) 23 Page - Infineon Technologies AG

Back Button ITS4075Q-EP-D Datasheet HTML 19Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 20Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 21Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 22Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 23Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 24Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 25Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 26Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Data Sheet
23
Rev. 1.01
2018-06-14
ITS4075Q-EP-D
75 mΩ Quad Channel Smart High-Side Power Switch
Protection Functions
6
Protection Functions
The device provides integrated protection functions. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Protection functions are designed to prevent the destruction of
the ITS4075Q-EP-D due to fault conditions described in the data sheet. Please note that fault conditions are
not considered as normal operation conditions and the protection functions are neither designed for
continuous operation nor for repetitive operation.
6.1
Loss of Ground Protection
In case of loss of module ground when the load remains connected to ground, the device protects itself by
automatically turning OFF (when it was previously ON) or remains OFF, regardless of the voltage applied at the
input pins.
In an application where the inputs are directly controlled by logic levels <
VS (e.g. by a microcontroller without
galvanic isolation), it is recommended to use input resistors 1) between the external control circuit
(microcontroller) and the ITS4075Q-EP-D to protect also the external control circuit in case of loss of device
ground.
In case of loss of module or device ground, a current (
IOUT(GND)) can flow out of the DMOS. Figure 14 sketches
the situation.
ZGND is recommended to be a resistor in series to a diode.
Figure 14 Loss of Ground Protection with External Components
1) Recommended value is 10 kΩ
ITS4075Q-EP-D
OUTx
INx
VS
Logic
GND
ZDS(AZ)
IOUT(GND)
ZGND
ZD(AZ)
ST
RIN
RST
+
-


Số phần tương tự - ITS4075Q-EP-D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&K Components
ITS40-00-F-V1-S-TR CK-COMPONENTS-ITS40-00-F-V1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS40-00-FR1-S-TR CK-COMPONENTS-ITS40-00-FR1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS40-00-FR2-S-TR CK-COMPONENTS-ITS40-00-FR2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS40-00-FR3N-S-TR CK-COMPONENTS-ITS40-00-FR3N-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS40-00-FV2-S-TR CK-COMPONENTS-ITS40-00-FV2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
More results

Mô tả tương tự - ITS4075Q-EP-D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
ITS4090Q-EP-D INFINEON-ITS4090Q-EP-D Datasheet
1Mb / 42P
   90 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
ITS4130Q-EP-D INFINEON-ITS4130Q-EP-D Datasheet
1Mb / 42P
   130 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
logo
Texas Instruments
TPS4H160-Q1 TI1-TPS4H160-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   40-V, 160-m廓 Quad-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
BTT6030-1ERA INFINEON-BTT6030-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 31 m廓
Rev.1.00 2019-03-09
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com