công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTT6200-1ENA bảng dữ liệu(PDF) 7 Page - Infineon Technologies AG

tên linh kiện BTT6200-1ENA
Giải thích chi tiết về linh kiện  Smart High-Side Power Switch Single Channel, 200m廓
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6200-1ENA bảng dữ liệu(HTML) 7 Page - Infineon Technologies AG

Back Button BTT6200-1ENA Datasheet HTML 3Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 4Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 5Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 6Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 7Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 8Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 9Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 10Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Data Sheet
7
Rev. 1.0
2018-05-14
PROFET™+ 24 V
BTT6200-1ENA
General Product Characteristics
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Maximum energy
dissipation
Single pulse
EAS
––20
mJ
IL(0) = 1 A
TJ(0) = 150°C
VS = 28 V
P_4.1.23
Voltage at power
transistor
VDS
––65
V
P_4.1.26
Currents
Current through ground
pin
I GND
-20
-150
20
20
mA
t < 2 min
P_4.1.27
Temperatures
Junction temperature
TJ
-40
150
°C
P_4.1.28
Storage temperature
TSTG
-55
150
°C
P_4.1.30
ESD Susceptibility
ESD susceptibility (all
pins)
VESD
-2
2
kV
4) HBM
P_4.1.31
ESD susceptibility OUT Pin
vs. GND and VS connected
VESD
-4
4
kV
4) HBM
P_4.1.32
ESD susceptibility
VESD
-500
500
V
5) CDM
P_4.1.33
ESD susceptibility pin
(corner pins)
VESD
-750
750
V
5) CDM
P_4.1.34
1) Not subject to production test. Specified by design.
2) VS(LD) is setup without the DUT connected to the generator per ISO 7637-1.
3) Threshold limit for short circuit failures : 100 ppm. Please refer to the legal disclaimer for short circuit capability on
the Back Cover of this document.
4) ESD susceptibility, Human Body Model “HBM”, according to AEC Q100-002.
5) ESD susceptibility, Charge Device Model “CDM”, according to AEC Q100-011.
Table 3
Absolute Maximum Ratings1)
TJ = -40°C to 150°C; (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.


Số phần tương tự - BTT6200-1ENA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
More results

Mô tả tương tự - BTT6200-1ENA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERA INFINEON-BTT6030-2ERA Datasheet
1Mb / 55P
   Smart High-Side Power Switch Single Channel, 32m廓
Rev.1.00 2019-03-09
BTT6050-1ERA INFINEON-BTT6050-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 50m廓
Rev.1.00 2019-03-09
BTT6020-1ERA INFINEON-BTT6020-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 20m廓
Rev.1.00 2019-03-09
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
   Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com