công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTT6200-1ENA bảng dữ liệu(PDF) 29 Page - Infineon Technologies AG

tên linh kiện BTT6200-1ENA
Giải thích chi tiết về linh kiện  Smart High-Side Power Switch Single Channel, 200m廓
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6200-1ENA bảng dữ liệu(HTML) 29 Page - Infineon Technologies AG

Back Button BTT6200-1ENA Datasheet HTML 25Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 26Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 27Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 28Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 29Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 30Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 31Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 32Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Data Sheet
29
Rev. 1.0
2018-05-14
PROFET™+ 24 V
BTT6200-1ENA
Diagnostic Functions
7.4
Electrical Characteristics Diagnostic Function
Table 9
Electrical Characteristics: Diagnostics
VS = 8 V to 36 V, TJ = -40°C to 150°C (unless otherwise specified).
Typical values are given at VS = 28 V, TJ = 25°C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Load Condition Threshold for Diagnostic
Open load detection
threshold in OFF state
VS - VOL(OFF) 4–
6V
VIN = 0 V
VDEN = 4.5 V
See Figure 25
P_7.5.1
Open load detection
threshold in ON state
IL(OL)
5
15
mA VIN = VDEN = 4.5 V
IIS(OL) =33 μA
See Figure 23
See Chapter 9.4
P_7.5.2
Sense Pin
IS pin leakage current when
sense is disabled
IIS_(DIS)
–0.02
1
µA
VIN = 4.5 V
VDEN = 0 V
IL = IL4 = 1 A
P_7.5.4
Sense signal saturation
voltage
VS - VIS
(RANGE)
1
3.5
V
VIN = 0 V
VOUT= VS > 10 V
VDEN = 4.5 V
IIS = 6 mA
See Chapter 9.4
P_7.5.6
Sense signal maximum
current in fault condition
IIS(FAULT)
6
15
35
mA VIS = VIN = VDSEL = 0 V
VOUT= VS > 10 V
VDEN = 4.5 V
See Figure 19
See Chapter 9.4
P_7.5.7
Sense pin maximum voltage
VS to IS
VIS(AZ)
65
70
75
V
IIS = 5 mA
See Figure 19
P_7.5.3
Current Sense Ratio Signal in the Nominal Area, Stable Load Current Condition
Current sense ratio
IL0 = 10 mA
kILIS0
-50%
330
+50%
VIN = 4.5 V
VDEN = 4.5 V
See Figure 20
TJ = -40°C; 150°C
P_7.5.8
Current sense ratio
IL1 = 0.05 A
kILIS1
-40%
300
+40%
P_7.5.9
Current sense ratio
IL2 = 0.2 A
kILIS2
-15%
300
+15%
P_7.5.10
Current sense ratio
IL3 = 0.5 A
kILIS3
-11%
300
+11%
P_7.5.11
Current sense ratio
IL4 = 1 A
kILIS4
-9%
300
+9%
P_7.5.12
kILIS derating with current
and temperature
∆kILIS
-8
0
+8
%
3) kILIS3 versus kILIS2
See Figure 21
P_7.5.17


Số phần tương tự - BTT6200-1ENA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
More results

Mô tả tương tự - BTT6200-1ENA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERA INFINEON-BTT6030-2ERA Datasheet
1Mb / 55P
   Smart High-Side Power Switch Single Channel, 32m廓
Rev.1.00 2019-03-09
BTT6050-1ERA INFINEON-BTT6050-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 50m廓
Rev.1.00 2019-03-09
BTT6020-1ERA INFINEON-BTT6020-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 20m廓
Rev.1.00 2019-03-09
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
   Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com