công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTT6050-2ERA bảng dữ liệu(PDF) 19 Page - Infineon Technologies AG

tên linh kiện BTT6050-2ERA
Giải thích chi tiết về linh kiện  Smart High-Side Power Switch Dual Channel, 50 m廓
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6050-2ERA bảng dữ liệu(HTML) 19 Page - Infineon Technologies AG

Back Button BTT6050-2ERA Datasheet HTML 15Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 16Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 17Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 18Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 19Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 20Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 21Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 22Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
Datasheet
19
Rev.1.00
2019-03-09
PROFET™+ 24V
BTT6050-2ERA
Protection Functions
Figure 15 Undervoltage Behavior
6.3
Overvoltage Protection
There is an integrated clamp mechanism for overvoltage protection (ZD(AZ)). To guarantee this mechanism
operates properly in the application, the current in the Zener diode has to be limited by a ground resistor.
Figure 16 shows a typical application to withstand overvoltage issues. In case of supply voltage higher than
VS(AZ), the power transistor switches ON and the voltage across the logic section is clamped. As a result, the
internal ground potential rises to VS - VS(AZ). Due to the ESD Zener diodes, the potential at pin IN and DEN rises
almost to that potential, depending on the impedance of the connected circuitry. In the case the device was
ON, prior to overvoltage, the BTT6050-2ERA remains ON. In the case the BTT6050-2ERA was OFF, prior to
overvoltage, the power transistor can be activated. In the case the supply voltage is in above VBAT(SC) and below
VDS(AZ), the output transistor is still operational and follows the input. If at least one channel is in the ON state,
parameters are no longer guaranteed and lifetime is reduced compared to the nominal supply voltage range.
This especially impacts the short circuit robustness, as well as the maximum energy EAS capability.
Figure 16 Overvoltage Protection with External Components
undervoltage behavior .vsd
VOUT
VS(OP)
VS(UV)
VS
IN0
DEN
IS
ZDESD
GND
OUT
VS
VBAT
ZD(AZ)
LOGIC
DSEL
Overvoltage protection.vsd
ZDS(AZ)
IN1
RIN
RIN
RDEN
RDSEL
RSENSE
RIS
ISOV
ZIS(AZ)
ZGND
L, RL


Số phần tương tự - BTT6050-2ERA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BTT6050-2EKA INFINEON-BTT6050-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
BTT6050-2EKA INFINEON-BTT6050-2EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
More results

Mô tả tương tự - BTT6050-2ERA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_19 Datasheet
514Kb / 40P
[Old version datasheet]   40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_V01 Datasheet
1Mb / 55P
[Old version datasheet]   TPS2HB50-Q1 40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTS5236-2EKA INFINEON-BTS5236-2EKA Datasheet
978Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
Rev. 1.0, Nov 2008
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com