công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTT6050-2ERA bảng dữ liệu(PDF) 15 Page - Infineon Technologies AG

tên linh kiện BTT6050-2ERA
Giải thích chi tiết về linh kiện  Smart High-Side Power Switch Dual Channel, 50 m廓
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6050-2ERA bảng dữ liệu(HTML) 15 Page - Infineon Technologies AG

Back Button BTT6050-2ERA Datasheet HTML 11Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 12Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 13Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 14Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 15Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 16Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 17Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 18Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
Datasheet
15
Rev.1.00
2019-03-09
PROFET™+ 24V
BTT6050-2ERA
Power Stage
5.4
Inverse Current Capability
In case of inverse current, meaning a voltage VINV at the OUTput higher than the supply voltage VS, a current
IINV will flow from output to VS pin via the body diode of the power transistor (please refer to Figure 13). The
output stage follows the state of the IN pin, except if the IN pin goes from OFF to ON during inverse. In that
particular case, the output stage is kept OFF until the inverse current disappears. Nevertheless, the current IINV
should not be higher than IL(INV). Otherwise, the second channel can be corrupted and erratic behavior can be
observed. If the affected channel is OFF, the diagnostic will detect an open load at OFF. If the affected channel
is ON, the diagnostic will detect open load at ON (the overtemperature signal is inhibited). At the appearance
of VINV, a parasitic diagnostic can be observed at the unaffected channel. After, the diagnosis is valid and
reflects the output state. At VINV vanishing, the diagnosis is valid and reflects the output state. During inverse
current, no protection functions are available.
Figure 13 Inverse Current Circuitry
OUT
VS
VBAT
IL(INV)
inverse current.vsd
VINV
INV
Comp.
Gate
driver
Device
logic
GND
ZGND


Số phần tương tự - BTT6050-2ERA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BTT6050-2EKA INFINEON-BTT6050-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
BTT6050-2EKA INFINEON-BTT6050-2EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
More results

Mô tả tương tự - BTT6050-2ERA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_19 Datasheet
514Kb / 40P
[Old version datasheet]   40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_V01 Datasheet
1Mb / 55P
[Old version datasheet]   TPS2HB50-Q1 40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTS5236-2EKA INFINEON-BTS5236-2EKA Datasheet
978Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
Rev. 1.0, Nov 2008
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com