công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTF3050EJ bảng dữ liệu(PDF) 2 Page - Infineon Technologies AG

tên linh kiện BTF3050EJ
Giải thích chi tiết về linh kiện  Smart Low-Side Power Switch
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTF3050EJ bảng dữ liệu(HTML) 2 Page - Infineon Technologies AG

  BTF3050EJ Datasheet HTML 1Page - Infineon Technologies AG BTF3050EJ Datasheet HTML 2Page - Infineon Technologies AG BTF3050EJ Datasheet HTML 3Page - Infineon Technologies AG BTF3050EJ Datasheet HTML 4Page - Infineon Technologies AG BTF3050EJ Datasheet HTML 5Page - Infineon Technologies AG BTF3050EJ Datasheet HTML 6Page - Infineon Technologies AG BTF3050EJ Datasheet HTML 7Page - Infineon Technologies AG BTF3050EJ Datasheet HTML 8Page - Infineon Technologies AG BTF3050EJ Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
Datasheet
2
Rev. 1.0
2018-08-08
BTF3050EJ
Smart Low-Side Power Switch
Overview
Diagnostic Functions
• Short circuit to battery
• Over temperature shut down
• Stable latching diagnostic signal
Protection Functions
• Over temperature shutdown with auto-restart
• Active clamp over voltage protection of the output (OUT, cooling tab)
•Current limitation
• Enhanced short circuit protection
Detailed Description
The device is able to switch all kind of resistive, inductive and capacitive loads, limited by maximum clamping
energy and maximum current capabilities.
The BTF3050EJ offers dedicated ESD protection on the IN, VDD, ENABLE, STATUS and SRP pin which refers to
the GND ground pin, as well as an over voltage clamping of the OUT to Source/GND.
The over voltage protection gets activated during inductive turn off conditions or other over voltage events
(like load dump). The power MOSFET is limiting the drain-source voltage, if it rises above the VOUT(CLAMP).
The over temperature protection prevents the device from overheating due to overload and/or bad cooling
conditions.
The BTF3050EJ has an auto-restart thermal shutdown function. The device will turn on again, if input is still
high, after the measured temperature has dropped below the thermal hysteresis.
Nominal load current
IL(NOM)
4A
Minimum current limitation
IL(LIM)
10 A
Minimum current limitation trigger level
IL(LIM)TRIGGER
29 A
Maximum OFF state load current at TJ ≤ 85°C
IL(OFF)
2µA
Maximum stand-by supply current at TJ = 25°C
IDD(OFF)
6µA
Type
Package
Marking
BTF3050EJ
PG-TDSO-8-31
F3050EJ
Table 1
Product Summary (cont’d)


Số phần tương tự - BTF3050EJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BTF3050TE INFINEON-BTF3050TE Datasheet
1Mb / 48P
   Smart Low-Side Power Switch
Rev. 1.1, 2018-08-28
More results

Mô tả tương tự - BTF3050EJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com