công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTF3035EJ bảng dữ liệu(PDF) 10 Page - Infineon Technologies AG

tên linh kiện BTF3035EJ
Giải thích chi tiết về linh kiện  Smart Low-Side Power Switch
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTF3035EJ bảng dữ liệu(HTML) 10 Page - Infineon Technologies AG

Back Button BTF3035EJ Datasheet HTML 6Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 7Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 8Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 9Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 10Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 11Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 12Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 13Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
Datasheet
10
Rev. 1.0
2018-08-08
BTF3035EJ
Smart Low-Side Power Switch
General Product Characteristics
4.2
Functional Range
Note:
Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics
table.
Table 3
Functional Range
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.
Supply Voltage Range for
Nominal Operation
VDD(NOR)
3.0
5.0
5.5
V
P_4.2.1
Supply current continuous ON
operation
IDD(ON)
1.3
2.5
mA
Supply current
continuous ON
operation is specified
for RSRP=0. It is lower
(0.7mA typ) for
RSRP=5.8k
1)
P_4.2.5
Standby supply current
(ambient)
IDD(OFF)
–1.5
6
µA
TJ = 25°C
1)
P_4.2.8
Maximum standby supply current
(hot)
IDD(OFF)_150
–6
14
µA
TJ = 150°C
P_4.2.9
Battery Voltage Range for
Nominal Operation
VBAT(NOR)
6
13.5 18
V
1)
P_4.2.10
Extended Battery Voltage Range
for Operation
VBAT(EXT)
0
29
V
parameter deviations
possible
P_4.2.11
SRP pin resistor for adjustable
operation
RSRP(NOR)
5–
70
kΩ
refer to graphic
Figure 16
1)
P_4.2.12
SRP pin resistor for fast operation RSRP(EXTF)
0–
1.5
kΩ
1)
P_4.2.13
SRP pin resistor for slow
operation
RSRP(EXTS)
>160 –
kΩ
Pin can be left open
1)
P_4.2.14
DIAGNOSIS
STATUS Pin voltage operation
range
VSTATUS
-0.3 –
5.5
V
normal and reset
mode
1)
P_4.2.15
STATUS Pin Leakage current
ISTATUS
–1.5
12
µA
VSTATUS≤ 5V
1)
P_4.2.17
STATUS Pin voltage drop Fault
VSTATUS(FAULT)
0.5
0.8
V
ISTATUS(FAULT)=1mA
P_4.2.18
STATUS Current Reset
ISTATUS(RESET) 5–
7mA
P_4.2.19


Số phần tương tự - BTF3035EJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BTF3050EJ INFINEON-BTF3050EJ Datasheet
3Mb / 59P
   Smart Low-Side Power Switch
Rev. 1.0 2018-08-08
BTF3050TE INFINEON-BTF3050TE Datasheet
1Mb / 48P
   Smart Low-Side Power Switch
Rev. 1.1, 2018-08-28
BTF3080EJ INFINEON-BTF3080EJ Datasheet
3Mb / 59P
   Smart Low-Side Power Switch
Rev. 1.0 2018-08-08
More results

Mô tả tương tự - BTF3035EJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com