công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC78M15CT bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC78M15CT
Giải thích chi tiết về linh kiện  500 mA Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78M15CT bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC78M15CT Datasheet HTML 1Page - ON Semiconductor MC78M15CT Datasheet HTML 2Page - ON Semiconductor MC78M15CT Datasheet HTML 3Page - ON Semiconductor MC78M15CT Datasheet HTML 4Page - ON Semiconductor MC78M15CT Datasheet HTML 5Page - ON Semiconductor MC78M15CT Datasheet HTML 6Page - ON Semiconductor MC78M15CT Datasheet HTML 7Page - ON Semiconductor MC78M15CT Datasheet HTML 8Page - ON Semiconductor MC78M15CT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC78M00, MC78M00A Series
http://onsemi.com
3
MC78M06C ELECTRICAL CHARACTERISTICS (VI = 11 V, IO = 350 mA, 0°C < TJ < 125°C, PD ≤ 5.0 W, unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
5.75
6.0
6.25
Vdc
Output Voltage Variation
VO
5.7
6.3
Vdc
(8.0 Vdc
≤ VI ≤ 21 Vdc, 5.0 mA ≤ IO ≤ 350 mA)
Line Regulation
Regline
5.0
50
mV
(TJ = 25°C, 8.0 Vdc ≤ VI ≤ 25 Vdc, IO = 200 mA)
Load Regulation
Regload
mV
(TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA)
20
120
(TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA)
10
60
Input Bias Current (TJ = 25°C)
IIB
3.2
6.0
mA
Quiescent Current Change
DIIB
mA
(9.0 Vdc
≤ VI ≤ 25 Vdc, IO = 200 mA)
0.8
(5.0 mA
≤ IO ≤ 350 mA)
0.5
Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
45
mV
Ripple Rejection
RR
dB
(IO = 100 mA, f = 120 Hz, 9.0 V ≤ VI ≤ 19 V)
59
(IO = 300 mA, f = 120 Hz, 9.0 V ≤ VI ≤ 19 V, TJ = 25°C)
59
80
Dropout Voltage
VI − VO
2.0
Vdc
(TJ = 25°C)
Short Circuit Current Limit (TJ = 25°C, VI = 35 V)
IOS
50
mA
Average Temperature Coefficient of Output Voltage
DVO/DT
±0.2
mV/
°C
(IO = 5.0 mA)
Peak Output Current
IO
700
mA
(TJ = 25°C)
MC78M08C/AC/B/AB ELECTRICAL CHARACTERISTICS (VI = 14 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5.0 W,
unless otherwise noted) (Note 3)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
Vdc
MC78M08C
7.70
8.0
8.30
MC78M08AC
7.84
8.0
8.16
Output Voltage Variation
VO
Vdc
(10.5 Vdc
≤ VI ≤ 23 Vdc, 5.0 mA ≤ IO ≤ 350 mA)
MC78M08C
7.6
8.4
MC78M08AC
7.7
8.3
Line Regulation
Regline
6.0
50
mV
(TJ = 25°C, 10.5 Vdc ≤ VI ≤ 25 Vdc, IO = 200 mA)
Load Regulation
Regload
mV
(TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA)
25
160
(TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA)
10
80
Input Bias Current (TJ = 25°C)
IIB
3.2
6.0
mA
Quiescent Current Change
DIIB
mA
(10.5 Vdc
≤ VI ≤ 25 Vdc, IO = 200 mA)
0.8
(5.0 mA
≤ IO ≤ 350 mA)
0.5
Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
52
mV
Ripple Rejection
RR
dB
(IO = 100 mA, f = 120 Hz, 11.5 V ≤VI ≤ 21.5 V)
56
(IO = 300 mA, f = 120 Hz, 11.5 V ≤VI ≤ 21.5 V, TJ = 25°C)
56
80
Dropout Voltage
VI−VO
2.0
Vdc
(TJ = 25°C)
Short Circuit Current Limit (TJ = 25°C, VI = 35 V)
IOS
50
mA
Average Temperature Coefficient of Output Voltage
DVO/DT
±0.2
mV/
°C
(IO = 5.0 mA)
Peak Output Current
IO
700
mA
(TJ = 25°C)
3. Tlow =0°C for MC78MxxAC, C
Thigh = +125°C for MC78MxxAB, AC, B, C
= −40
°C for MC78MxxAB, B


Số phần tương tự - MC78M15CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC78M15CT MOTOROLA-MC78M15CT Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC78M15CT FAIRCHILD-MC78M15CT Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
MC78M15CT FAIRCHILD-MC78M15CT Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
ON Semiconductor
MC78M15CTG ONSEMI-MC78M15CTG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M15CTG ONSEMI-MC78M15CTG Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
More results

Mô tả tương tự - MC78M15CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
logo
Texas Instruments
LM341 TI1-LM341_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com