công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC79L24AC bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC79L24AC
Giải thích chi tiết về linh kiện  100 mA Negative Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79L24AC bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC79L24AC Datasheet HTML 1Page - ON Semiconductor MC79L24AC Datasheet HTML 2Page - ON Semiconductor MC79L24AC Datasheet HTML 3Page - ON Semiconductor MC79L24AC Datasheet HTML 4Page - ON Semiconductor MC79L24AC Datasheet HTML 5Page - ON Semiconductor MC79L24AC Datasheet HTML 6Page - ON Semiconductor MC79L24AC Datasheet HTML 7Page - ON Semiconductor MC79L24AC Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC79L00, MC79L00A Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VI = –23 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, –40°C < TJ +125°C (for MC79LXXAB),
0
°C < TJ < +125°C (for MC79LXXAC)).
MC79L15C
MC79L15AC, AB
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
–13.8
–15
–16.2
–14.4
–15
–15.6
Vdc
Input Regulation
(TJ = +25°C)
–17.5 Vdc
≥ VI ≥ –30 Vdc
–20 Vdc
≥ VI ≥ –30 Vdc
Regline
300
250
300
250
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
150
75
150
75
mV
Output Voltage
–17.5 Vdc
≥ VI ≥ –Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = –23 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
–13.5
–13.5
–16.5
–16.5
–14.25
–14.25
–15.75
–15.75
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.5
6.0
6.5
6.0
mA
Input Bias Current Change
–20 Vdc
≥ VI ≥ –30 Vdc
1.0 mA
≤ IO ≤ 40 mA
∆IIB
1.5
0.2
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
VN
90
90
µV
Ripple Rejection
(–18.5
≤ VI ≤ –28.5 Vdc, f = 120 Hz)
RR
33
39
34
39
dB
Dropout Voltage
IO = 40 mA, TJ = +25°C
|VI–VO|
1.7
1.7
Vdc
ELECTRICAL CHARACTERISTICS (VI = –27 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, 0°C < TJ > +125°C, unless otherwise noted).
MC79L18C
MC79L18AC
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
–16.6
–18
–19.4
–17.3
–18
–18.7
Vdc
Input Regulation
(TJ = +25°C)
–20.7 Vdc
≥ VI ≥ –33 Vdc
–21.4 Vdc
≥ VI ≥ –33 Vdc
–22 Vdc
≥ VI ≥ –33 Vdc
–21 Vdc
≥ VI ≥ –33 Vdc
Regline
325
275
325
275
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
170
85
170
85
mV
Output Voltage
–20.7 Vdc
≥ VI ≥ –33 Vdc, 1.0 mA ≤ IO ≤ 40 mA
–21.4 Vdc
≥ VI ≥ –33 Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = –27 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
–16.2
–16.2
–19.8
–19.8
–17.1
–17.1
–18.9
–18.9
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.5
6.0
6.5
6.0
mA
Input Bias Current Change
–21 Vdc
≥ VI ≥ –33 Vdc
–27 Vdc
≥ VI ≥ –33 Vdc
1.0 mA
≤ IO ≤ 40 mA
IIB
1.5
0.2
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
150
150
µV
Ripple Rejection
(–23
≤ VI ≤ –33 Vdc, f = 120 Hz, TJ = +25°C)
RR
32
46
33
48
dB
Dropout Voltage
IO = 40 mA, TJ = +25°C
|VI–VO|
1.7
1.7
Vdc


Số phần tương tự - MC79L24AC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC79L24ACD MOTOROLA-MC79L24ACD Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
MC79L24ACP MOTOROLA-MC79L24ACP Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC79L24ACP FAIRCHILD-MC79L24ACP Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
MC79L24ACP FAIRCHILD-MC79L24ACP Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
ON Semiconductor
MC79L24ACP ONSEMI-MC79L24ACP Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
More results

Mô tả tương tự - MC79L24AC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79L00A ONSEMI-MC79L00A Datasheet
127Kb / 10P
   100 mA Negative Voltage Regulators
October, 2016 ??Rev. 10
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com