công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC79L24C bảng dữ liệu(PDF) 5 Page - ON Semiconductor |
|
MC79L24C bảng dữ liệu(HTML) 5 Page - ON Semiconductor |
5 / 8 page MC79L00, MC79L00A Series http://onsemi.com 5 TYPICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted.) Figure 3. Dropout Characteristics Figure 4. Dropout Voltage versus Junction Temperature Figure 5. Input Bias Current versus Ambient Temperature Figure 6. Input Bias Current versus Input Voltage Figure 7. Maximum Average Power Dissipation versus Ambient Temperature (TO–92) 8.0 6.0 4.0 2.0 0 0 -2.0 -4.0 -6.0 -0.8 -10 Vin, INPUT VOLTAGE (V) MC79L05C VO = -5.0 V TJ = 25°C IO = 1.0 mA IO = 100 mA IO = 40 mA -2.5 -2.0 -1.5 -1.0 -0.5 0 0 25 50 75 100 125 TJ, JUNCTION TEMPERATURE (°C) IO = 70 mA 4.0 4.2 3.8 3.6 3.4 3.2 3.0 0 0 25 50 75 100 125 TA, AMBIENT TEMPERATURE (°C) MC79L05C Vin = -10 V VO = -5.0 V IO = 40 mA 5.0 4.0 3.0 2.0 1.0 0 0 -5.0 -10 -15 -20 -25 -30 -35 -40 Vin, INPUT VOLTAGE (V) MC79L05C VO = -5.0 V IO = 40 mA 10,000 1,000 100 10 TA, AMBIENT TEMPERATURE (°C) 25 50 75 100 125 150 No Heatsink RΘJA = 200°C/W PD(max) to 25°C = 625 mW Figure 8. SOP–8 Thermal Resistance and Maximum Power Dissipation versus P.C.B. Copper Length 30 50 70 90 110 130 150 0.4 0.8 1.2 1.6 2.0 2.4 2.8 020 30 50 40 10 L, LENGTH OF COPPER (mm) 170 3.2 PD(max) for TA = +50°C RθJA 2.0 oz. Copper Graph represents symmetrical layout 3.0 mm L L IO = 40 mA IO = 1.0 mA Dropout of Regulation is defined when ∆VO = 2% of VO |
Số phần tương tự - MC79L24C |
|
Mô tả tương tự - MC79L24C |