công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC78T00 bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện MC78T00
Giải thích chi tiết về linh kiện  THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78T00 bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button MC78T00 Datasheet HTML 4Page - ON Semiconductor MC78T00 Datasheet HTML 5Page - ON Semiconductor MC78T00 Datasheet HTML 6Page - ON Semiconductor MC78T00 Datasheet HTML 7Page - ON Semiconductor MC78T00 Datasheet HTML 8Page - ON Semiconductor MC78T00 Datasheet HTML 9Page - ON Semiconductor MC78T00 Datasheet HTML 10Page - ON Semiconductor MC78T00 Datasheet HTML 11Page - ON Semiconductor MC78T00 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC78T00 Series
9
MOTOROLA ANALOG IC DEVICE DATA
APPLICATIONS INFORMATION
Design Considerations
The MC78T00 Series of fixed voltage regulators are
designed with Thermal Overload Protection that shuts down
the circuit when subjected to an excessive power overload
condition, Internal Short Circuit Protection that limits the
maximum current the circuit will pass, and Output Transistor
Safe–Area Compensation that reduces the output short
circuit current as the voltage across the pass transistor is
increased.
In many low current applications, compensation
capacitors are not required. However, it is recommended that
the regulator input be bypassed with a capacitor if the
regulator is connected to the power supply filter with long wire
lengths, or if the output load capacitance is large. An input
bypass capacitor should be selected to provide good high
frequency characteristics to insure stable operation under all
load conditions. A 0.33
µF or larger tantalum, mylar, or other
capacitor having low internal impedance at high frequencies
should be chosen. The bypass capacitor should be mounted
with the shortest possible leads directly across the regulator’s
input terminals. Normally good construction techniques
should be used to minimize ground loops and lead resistance
drops since the regulator has no external sense lead.
Figure 14. Current Regulator
Figure 15. Adjustable Output Regulator
Figure 16. Current Boost Regulator
Figure 17. Current Boost With
Short Circuit Protection
5.0 V
R
Input
0.33
µF
MC78T05
R
IO
The MC78T05 regulator can also be used as a current source when
connected as above. In order to minimize dissipation the MC78T05 is
chosen in this application. Resistor R determines the current
as follows:
IO =
+ IB
∆IB ^ 0.7 mA over line, load and Temperature changes
For example, a 2.0 A current source would require R to be a 2.5
Ω,
10 W resistor and the output voltage compliance would be the input
voltage less 7.0 V.
Constant
Current to
Grounded Load
Input
Output
1.0k
4
6
7
2
3
+
0.1
µF
10k
MC1741
VO, 8.0 V to 20 V
Vin – VO ≥ 2.5 V
The addition of an operational amplifier allows adjustment to higher or
intermediate values while retaining regulation characteristics. The
minimum voltage obtainable with this arrangement is 3.0 V greater
than the regulator voltage.
0.33
µF
R
0.1
µF
Output
1.0
µF
The MC78T00 series can be current boosted with a PNP transistor. The
2N4398 provides current to 15 A. Resistor R in conjuction with the VBE of
the PNP determines when the pass transistor begins conducting; this
circuit is not short circuit proof. Input–output differential voltage
minimum is increased by the VBE of the pass transistor.
2N4398 or Equiv
MC78TXX
MC78TXX
Input
Rsc
2N4398
or Equiv.
Output
R
MJ2955
or Equiv.
1.0
µF
The circuit of Figure 17 can be modified to provide supply protection
against short circuits by adding a short circuit sense resistor, RSC, and
an additional PNP transistor. The current sensing PNP must be able to
handle the short circuit current of the three–terminal regulator.
Therefore, an eight–ampere power transistor is specified.
MC78T05
IB ^ 3.5 mA
XX = 2 digits of type number indicating voltage.
XX = 2 digits of type number indicating voltage.


Số phần tương tự - MC78T00

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC78T00 MOTOROLA-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
MC78T00 ONSEMI-MC78T00_04 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
More results

Mô tả tương tự - MC78T00

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC78T00 MOTOROLA-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Thinki Semiconductor Co...
78M05 THINKISEMI-78M05 Datasheet
345Kb / 7P
   1 Ampere Surface Mount Positive Three Terminal Voltage Regulators
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com