công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC75174BP bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC75174BP
Giải thích chi tiết về linh kiện  QUAD EIA-485 LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC75174BP bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC75174BP Datasheet HTML 1Page - ON Semiconductor MC75174BP Datasheet HTML 2Page - ON Semiconductor MC75174BP Datasheet HTML 3Page - ON Semiconductor MC75174BP Datasheet HTML 4Page - ON Semiconductor MC75174BP Datasheet HTML 5Page - ON Semiconductor MC75174BP Datasheet HTML 6Page - ON Semiconductor MC75174BP Datasheet HTML 7Page - ON Semiconductor MC75174BP Datasheet HTML 8Page - ON Semiconductor MC75174BP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC75172B MC75174B
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (–40
°C p TAp 85°C, 4.75 V p VCC p 5.25 V, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Inputs
Low Level Voltage (Pins 4 & 12, MC75174B only)
Low Level Voltage (All Other Pins)
High Level Voltage (All Inputs)
VIL(A)
VIL(B)
VIH
0
0
2.0
0.7
0.8
VCC
Vdc
Current @ Vin = 2.7 V (All Inputs)
Current @ Vin = 0.5 V (All Inputs)
IIH
IIL
–100
0.2
–15
20
µA
Clamp Voltage (All Inputs, Iin = –18 mA)
VIK
–1.5
Vdc
Thermal Shutdown Junction Temperature
Tjts
+150
°C
Power Supply Current (Outputs Open, VCC = 5.25 V)
Outputs Enable
Outputs Disabled
ICC
60
30
70
40
mA
TIMING CHARACTERISTICS (TA = 25°C, VCC = 5.0 V)
Characteristics
Symbol
Min
Typ
Max
Unit
Propagation Delay – Input to Single–ended Output (Figure 3)
Output Low–to–High
Output High–to–Low
tPLH
tPHL
23
18
30
30
ns
Propagation Delay – Input to Differential Output (Figure 4)
Input Low–to–High
Input High–to–Low
tPLH(D)
tPHL(D)
15
17
25
25
ns
Differential Output Transition Time (Figure 4)
tdr, tdf
19
25
ns
Skew Timing
tPLHD – tPHLD for Each Driver
Max – Min tPLHD Within a Package
Max – Min tPHLD Within a Package
tSK1
tSK2
tSK3
0.2
1.5
1.5
ns
Enable Timing
Single–ended Outputs (Figure 5)
Enable to Active High Output
Enable to Active Low Output
Active High to Disable (using Enable)
Active Low to Disable (using Enable)
Enable to Active High Output (MC75172B only)
Enable to Active Low Output (MC75172B only)
Active High to Disable (using Enable, MC75172B only)
Active Low to Disable (using Enable, MC75172B only)
tPZH(E)
tPZL(E)
tPHZ(E)
tPLZ(E)
tPZH(E)
tPZL(E)
tPHZ(E)
tPLZ(E)
48
20
35
30
58
28
38
36
60
30
45
50
70
35
50
50
ns
Differential Outputs (Figure 6)
Enable to Active Output
Enable to Active Output (MC75172B only)
Enable to 3–State Output
Enable to 3–State Output (MC75172B only)
tPZD(E)
tPZD(E)
tPDZ(E)
tPDZ(E)
47
56
32
40
ns


Số phần tương tự - MC75174BP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC75174BP ONSEMI-MC75174BP Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
MC75174BP ONSEMI-MC75174BP Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75174BP MOTOROLA-MC75174BP Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75174BPG ONSEMI-MC75174BPG Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
More results

Mô tả tương tự - MC75174BP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
   Quad RS-485/RS-422 Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com