công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC75174BDW bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC75174BDW
Giải thích chi tiết về linh kiện  QUAD EIA-485 LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC75174BDW bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC75174BDW Datasheet HTML 1Page - ON Semiconductor MC75174BDW Datasheet HTML 2Page - ON Semiconductor MC75174BDW Datasheet HTML 3Page - ON Semiconductor MC75174BDW Datasheet HTML 4Page - ON Semiconductor MC75174BDW Datasheet HTML 5Page - ON Semiconductor MC75174BDW Datasheet HTML 6Page - ON Semiconductor MC75174BDW Datasheet HTML 7Page - ON Semiconductor MC75174BDW Datasheet HTML 8Page - ON Semiconductor MC75174BDW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Device
Operating
Temperature Range
Package
MC75172B
MC75174B
SEMICONDUCTOR
TECHNICAL DATA
QUAD EIA–485 LINE DRIVERS
ORDERING INFORMATION
MC75172BDW
TA = – 40° to +85°C
SO–20L
Order this document by MC75172B/D
P SUFFIX
PLASTIC PACKAGE
CASE 648
DW SUFFIX
PLASTIC PACKAGE
CASE 751D
(SO–20L)
MC75174BDW
SO–20L
MC75174BP
Plastic DIP
1
MOTOROLA ANALOG IC DEVICE DATA
Quad EIA-485 Line Drivers
with Three-State Outputs
The Motorola MC75172B/174B Quad Line drivers are differential high
speed drivers designed to comply with the EIA–485 Standard. Features
include three–state outputs, thermal shutdown, and output current limiting in
both directions. These devices also comply with EIA–422–A, and CCITT
Recommendations V.11 and X.27.
The MC75172B/174B are optimized for balanced multipoint bus
transmission at rates in excess of 10 MBPS. The outputs feature wide
common mode voltage range, making them suitable for party line
applications in noisy environments. The current limit and thermal shutdown
features protect the devices from line fault conditions. These devices offer
optimum performance when used with the MC75173 and MC75175 line
receivers.
Both devices are available in 16–pin plastic DIP and 20–pin wide body
surface mount packages.
Meets EIA–485 Standard for Party Line Operation
Meets EIA–422–A and CCITT Recommendations V.11 and X.27
Operating Ambient Temperature: –40°C to +85°C
High Impedance Outputs
Common Mode Output Voltage Range: –7 to 12 V
Positive and Negative Current Limiting
Transmission Rates in Excess of 10 MBPS
Thermal Shutdown at 150°C Junction Temperature, (±20°C)
Single 5.0 V Supply
Pin Compatible with TI SN75172/4 and NS µA96172/4
Interchangeable with MC3487 and AM26LS31 for EIA–422–A
Applications
PIN CONNECTIONS
MC75172B
MC75174B
9
1
3A
3Y
3Z
En
12
4Z
4Y
4A
VCC
Gnd
2A
2Y
2Z
En
12
1Z
1A
1Y
P Package
2
3
4
5
6
7
8
16
15
14
13
12
11
DW Package
2A
8
7
6
5
4
4A
VCC
19
18
En
2Z
NC
10
11
9
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
P Package
1
3
En
17
4Y
Gnd
2Y
12
3A
14 3Z
4Z
15
16
1A
1Y 2
1Z
NC
NC
NC
3Y
13
20
1Y
1A
1Z
En
2Z
2Y
2A
Gnd
VCC
En
34
En
34
20
13
3Y
NC
NC
NC
1Z
2
1Y
1A
16
15
4Z
3Z
14
12
2Y
Gnd
4Y
17
9
2A
8
7
6
5
4
4A
VCC
19
18
DW Package
2Z
NC
10
11
4A
4Y
4Z
En
3Z
3Y
3A
1
3
1
10
3A
© Motorola, Inc. 1996
Rev 1


Số phần tương tự - MC75174BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC75174BDW ONSEMI-MC75174BDW Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
MC75174BDW ONSEMI-MC75174BDW Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75174BDW MOTOROLA-MC75174BDW Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75174BDWG ONSEMI-MC75174BDWG Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
MC75174BDWR2 ONSEMI-MC75174BDWR2 Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
More results

Mô tả tương tự - MC75174BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
   Quad RS-485/RS-422 Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com