công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC75172B bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện MC75172B
Giải thích chi tiết về linh kiện  QUAD EIA-485 LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC75172B bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button MC75172B Datasheet HTML 4Page - ON Semiconductor MC75172B Datasheet HTML 5Page - ON Semiconductor MC75172B Datasheet HTML 6Page - ON Semiconductor MC75172B Datasheet HTML 7Page - ON Semiconductor MC75172B Datasheet HTML 8Page - ON Semiconductor MC75172B Datasheet HTML 9Page - ON Semiconductor MC75172B Datasheet HTML 10Page - ON Semiconductor MC75172B Datasheet HTML 11Page - ON Semiconductor MC75172B Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC75172B MC75174B
10
MOTOROLA ANALOG IC DEVICE DATA
Figure 18. Typical EIA–485 System
NOTES: 1. Terminating resistors RT must be located at the physical ends of the cable.
2. Stubs should be as short as possible.
3. Circuit ground of all drivers and receivers must be connected via a dedicated wire within the cable.
Do not rely on chassis ground or power line ground.
#8
TTL
R
TTL
TTL
#3
TTL
R
En
#2
TTL
TTL
En
TTL
R
TTL
#1
R
TTL
RT
#1
En
D
#3
D
#5
D
TTL
En
#6
R
TTL
R
En
#5
R
#6
D
#7
RT
TTL
TTL
R
En
TTL
#4
D
5 “off” drivers (@ 0.06 U.L. each),
+8 receivers (@ 1.0 U.L. each) = 8.3 Unit Loads
RT = 120 Ω at each end of the cable.
#4
D
#2
120
Twisted
Pair


Số phần tương tự - MC75172B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172BDW ONSEMI-MC75172BDW Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
MC75172BDW ONSEMI-MC75172BDW Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75172BDW MOTOROLA-MC75172BDW Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
More results

Mô tả tương tự - MC75172B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
   Quad RS-485/RS-422 Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com