công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FM240-MH bảng dữ liệu(PDF) 1 Page - Formosa MS |
|
FM240-MH bảng dữ liệu(HTML) 1 Page - Formosa MS |
1 / 2 page FM220-MH THRU FM2100-MH Features Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy Molding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current. Mechanical data Case : Molded plastic, JEDECSOD-123H Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting Position : Any Weight : 0.0393 gram (V) (V) (V) (V) ( oC) FM220-MH 22 20 14 20 FM230-MH 23 30 21 30 FM240-MH 24 40 28 40 FM250-MH 25 50 35 50 FM260-MH 26 60 42 60 FM280-MH 28 80 56 80 FM2100-MH 20 100 70 100 SYMBOLS MARKING CODE Operating temperature VRRM *1 VRMS *2 VR *3 VF *4 0.70 -55 to +125 -55 to +150 0.85 0.50 MAXIMUM RATINGS (AT TA=25 oC unless otherwise noted) PARAMETER CONDITIONS Symbol MIN. TYP. MAX. UNIT Forward rectified current See Fig.1 IO 2.0 A Forward surge current 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) IFSM 40 A VR = VRRM TA = 25 oC 0.5 mA VR = VRRM TA = 125 oC 10 mA Thermal resistance Junction to ambient RqJA 85 oC / w Diode junction capacitance f=1MHz and applied 4vDC reverse voltage CJ 160 pF Storage temperature TSTG -55 +150 oC Reverse current IR *1 Repetitive peak reverse voltage *2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage Chip Schottky Barrier Diodes Silicon epitaxial planer type Formosa MS 0.146(3.7) 0.130(3.3) 0.012(0.3) Typ. 0.071(1.8) 0.055(1.4) 0.035(0.9) 0.028(0.7) 0.031(0.8) Typ. Dimensions in inches and (millimeters) SOD-123H 0.031(0.8) Typ. |
Số phần tương tự - FM240-MH |
|
Mô tả tương tự - FM240-MH |