công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BDL36125LU bảng dữ liệu(PDF) 2 Page - Schneider Electric

tên linh kiện BDL36125LU
Giải thích chi tiết về linh kiện  Circuit breaker, PowerPact B, 125A, 3 poles, 600Y/347V AC, 14kA at 600Y/347 UL, Everlink, control wire ON end
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SCHNEIDER [Schneider Electric]
Trang chủ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BDL36125LU bảng dữ liệu(HTML) 2 Page - Schneider Electric

  BDL36125LU Datasheet HTML 1Page - Schneider Electric BDL36125LU Datasheet HTML 2Page - Schneider Electric BDL36125LU Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Trip unit name
TM-D
Suitability for isolation
Yes IEC 60947-2
Utilisation category
Category A
Mechanical durability
15000 cycles IEC 947-1 Annex K ed 5.2
Electrical durability
10000 cycles IEC 947-1 Annex K ed 5.2 440 V In
Connection pitch
1.06 in (27 mm)
Local signalling
Presence of auxiliary contacts flag green)
Mounting mode
Clip-on 35 mm symmetrical DIN rail)
By screws plate)
Electrical connection
Everlink lug line
Everlink lug load
AWG gauge
AWG 6...AWG 2/0 fine stranded aluminium/copper
AWG 14...AWG 3/0 rigid or stranded aluminium/copper
Tightening torque
44.25 lbf.in (5 N.m) 0.00…0.02 in² (2.5…16 mm²) AWG 14...AWG 4)
79.66 lbf.in (9 N.m) 0.04…0.15 in² (25…95 mm²) AWG 3...AWG 3/0)
Number of slots
1 auxiliary switch OF plug-in)
1 voltage release MN or MX plug-in)
1 alarm switch SD plug-in)
Power wire stripping length
0.79 in (20 mm)
Color
Gray RAL 7016)
9 mm pitches
9
Maximum Height
5.39 in (137 mm)
Maximum Width
3.19 in (81 mm)
Maximum Depth
3.15 in (80 mm)
Net Weight
2.37 lb(US) (1.074 kg)
Quantity per set
Set of 1
Continuous current rating
80 %
Environment
Quality labels
CE
Standards
UL 489
NEMA AB1
NMX J-266
EN/IEC 60947-5-1
CSA C22.2 No 5
GB 14048.2
EN/IEC 60947-2
Product certifications
UL
IEC
CCC
EAC
CSA
NOM
IP degree of protection
Front cover IP40 IEC 60529
IK degree of protection
IK07 IEC 62262
Pollution degree
3 IEC 60947-1
Ambient air temperature for operation
-13…158 °F (-25…70 °C)
Ambient air temperature for storage
-58…185 °F (-50…85 °C)
Operating altitude
6561.68 ft (2000 m) without derating
5000 m with derating
Ordering and shipping details
Category
01130-BD UNIT MOUNT BREAKER/SWITCH
Discount Schedule
DE2
GTIN
03606481149190
Package weight(Lbs)
2.60 lb(US) (1.179 kg)
Returnability
No
2


Số phần tương tự - BDL36125LU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schneider Electric
BDL36125LW SCHNEIDER-BDL36125LW Datasheet
111Kb / 2P
   PowerPact B Circuit Breaker, 125A, 3P, 14kA@600Y/347V (UL), Control Wire
More results

Mô tả tương tự - BDL36125LU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schneider Electric
BDL26125LU SCHNEIDER-BDL26125LU Datasheet
103Kb / 3P
   Circuit breaker, PowerPact B, 125A, 2 poles, 600Y/347V AC, 14kA at 600Y/347 UL, Everlink, control wire ON end
BDL46125LU SCHNEIDER-BDL46125LU Datasheet
123Kb / 3P
   Circuit breaker, PowerPact B, 125A, 4 poles, 600Y/347V AC, 14kA at 600Y/347 UL, Everlink, control wire ON end
BGL36125LU SCHNEIDER-BGL36125LU Datasheet
115Kb / 3P
   Circuit breaker, PowerPact B, 125A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
BJL36125LU SCHNEIDER-BJL36125LU Datasheet
120Kb / 3P
   Circuit breaker, PowerPact B, 125A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, Everlink, control wire ON end
BDL36060LU SCHNEIDER-BDL36060LU Datasheet
115Kb / 3P
   Circuit breaker, PowerPact B, 60A, 3 poles, 600Y/347V AC, 14kA at 600Y/347 UL, Everlink, control wire ON end
BDL36020LU SCHNEIDER-BDL36020LU Datasheet
117Kb / 3P
   Circuit breaker, PowerPact B, 20A, 3 poles, 600Y/347V AC, 14kA at 600Y/347 UL, Everlink, control wire ON end
BDL36080LU SCHNEIDER-BDL36080LU Datasheet
117Kb / 3P
   Circuit breaker, PowerPact B, 80A, 3 poles, 600Y/347V AC, 14kA at 600Y/347 UL, Everlink, control wire ON end
BDL36040LU SCHNEIDER-BDL36040LU Datasheet
118Kb / 3P
   Circuit breaker, PowerPact B, 40A, 3 poles, 600Y/347V AC, 14kA at 600Y/347 UL, Everlink, control wire ON end
BDL36100LU SCHNEIDER-BDL36100LU Datasheet
118Kb / 3P
   Circuit breaker, PowerPact B, 100A, 3 poles, 600Y/347V AC, 14kA at 600Y/347 UL, Everlink, control wire ON end
BDL36035LU SCHNEIDER-BDL36035LU Datasheet
117Kb / 3P
   Circuit breaker, PowerPact B, 35A, 3 poles, 600Y/347V AC, 14kA at 600Y/347 UL, Everlink, control wire ON end
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com