công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMAG5170-Q1 bảng dữ liệu(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMAG5170-Q1
Giải thích chi tiết về linh kiện  TMAG5170-Q1 3-Axis Linear Hall Effect Sensor With SPI Interface
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMAG5170-Q1 bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button TMAG5170-Q1 Datasheet HTML 8Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 9Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 10Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 11Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 12Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 13Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 14Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 15Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
X Channel Magnetic
Field (mT)
ALERT (V)
X_HI_THRESHOLD (mT)
X_LO_THRESHOLD (mT)
Magnetic field crossing X_HI_THRESHOLD & X_LO_THRESHOLD levels
Magnetic field crossing only X_HI_THRESHOLD levels
X Channel Magnetic
Field (mT)
time
time
ALERT (V)
X_HI_THRESHOLD (mT)
X_LO_THRESHOLD (mT)
12
TMAG5170-Q1
SBAS934 – JUNE 2020
www.ti.com
Product Folder Links: TMAG5170-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Figure 4. ALERT Pin Working as Magnetic Switch
7.3.6 Threshold Count
The THRX_COUNT bits in the ALERT_CONFIG register offer robust noise filtering and immunity against false
tripping while the TMAG5170-Q1 implements the ALERT function for a specific magnetic or temperature
threshold crossing. With THRX_COUNT at default 00b, only one measured value must cross the threshold to be
considered a valid threshold crossing event. With THRX_COUNT at 11b, four successive measured values must
cross the threshold to be considered a valid threshold crossing. An internal counter tracks and records the
number of threshold crossing for a given sensor.
The counter resets if any of the below events occur:
The device meets the threshold cross count for the specified number per the THRX_COUNT bits, the
corresponding *CH_THX bit(s) are set, & the SPI read of the SYS_STATUS register has occurred
If a measured result does not cross the threshold
When the ALERT pin is configured to work as a magnetic switch, the threshold count is active for both low-to-
high and high-to-low transitions, offering noise immunity in both directions of the threshold cross.


Số phần tương tự - TMAG5170-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMAG5170-Q1 TI-TMAG5170-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   TMAG5170 High-Precision 3D Linear Hall-Effect Sensor With SPI
SEPTEMBER 2021
TMAG5170-Q1 TI-TMAG5170-Q1 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
TMAG5170-Q1 TI-TMAG5170-Q1_V01 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
More results

Mô tả tương tự - TMAG5170-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMAG5170-Q1 TI-TMAG5170-Q1_V01 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
TMAG5170 TI-TMAG5170 Datasheet
2Mb / 60P
[Old version datasheet]   TMAG5170 High-Precision 3D Linear Hall-Effect Sensor With SPI
SEPTEMBER 2021
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
[Old version datasheet]   TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
TMAG5170D-Q1 TI1-TMAG5170D-Q1_V01 Datasheet
2Mb / 80P
[Old version datasheet]   TMAG5170D-Q1 Dual-Die High-Precision 3D Linear Hall-Effect Sensor With SPI
MARCH 2023
TMAG5170D-Q1 TI-TMAG5170D-Q1 Datasheet
2Mb / 79P
[Old version datasheet]   TMAG5170D-Q1 Dual-Die High-Precision 3D Linear Hall-Effect Sensor With SPI
MARCH 2023
logo
Micronas
HAL2830 MICRONAS-HAL2830_16 Datasheet
443Kb / 34P
   Linear Hall-Effect Sensor Family with SENT Interface
logo
Texas Instruments
DRV5057-Q1 TI1-DRV5057-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   DRV5057-Q1 Automotive Linear Hall Effect Sensor With PWM Output
logo
TRINAMIC Motion Control...
TMCM-323 TRINAMIC-TMCM-323 Datasheet
474Kb / 1P
   3-Axis Encoder Interface with SPI
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com