công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMAG5170-Q1 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMAG5170-Q1
Giải thích chi tiết về linh kiện  TMAG5170-Q1 3-Axis Linear Hall Effect Sensor With SPI Interface
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMAG5170-Q1 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TMAG5170-Q1 Datasheet HTML 1Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 2Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 3Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 4Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 5Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 6Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 7Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 8Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
5
TMAG5170-Q1
www.ti.com
SBAS934 – JUNE 2020
Product Folder Links: TMAG5170-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
To calculate the time between conversion request and the availibility of the conversion result, add the initialization time to the tmeasure as
explained in INITIALIZATION TIME TO START CONVERSION. For continuous conversion, the initialization time is applicable only for
the first conversion.
(2)
Add 25µs for each additional channel enabled for conversion with CONV_AVG =000.
(3)
For conversion with CONV_AVG =101, each axis data is collected 32 times. If an additional channel is enabled with CONV_AVG =101,
add 32×25µs = 800µs to the tmeasure to calculate the conversion time for two axes.
Average Power
IVCC DCM
Duty-cycle mode current consumption,
one channel enabled, CONV_AVG =
000
Data active rate 1000Hz, VVCC = 5V
245
µA
Data active rate 100Hz, VVCC = 5V
32
µA
Data active rate 10Hz, VVCC = 5V
4.5
µA
Data active rate 1Hz, VVCC = 5V
1.5
µA
Duty-cycle mode current consumption,
two channels enabled, CONV_AVG =
000
Data active rate 1000Hz, VVCC = 5V
292
µA
Data active rate 100Hz, VVCC = 5V
39
µA
Data active rate 10Hz, VVCC = 5V
5
µA
Data active rate 1Hz, VVCC = 5V
1.6
µA
Operating Speed
tmeasure
Conversion time (1)
CONV_AVG = 000,
OPERATING_MODE =010, only one
channel enabled (2)
45
µs
CONV_AVG = 101,
OPERATING_MODE =010, only one
channel enabled (3)
820
µs
fHFOSC
Internal high-frequency oscillator speed
3.2
MHz
fLFOSC
Internal low-frequency oscillator speed
16
KHz
Temperature Sensing
TSENS_RANGE
Temperature sensing range
–40
170
C
TSENS_T0
Reference temperature for TADCT0
25
C
TADCT0
TEMP_RESULT decimal value @
TSENS_T0
17508
TADCRES
Temp sensing resolution
60.1
LSB/C
NRMS (T)
RMS (1 Sigma) temperature noise
CONV_AVG = 101
0.14
C
NRMS (T)
RMS (1 Sigma) temperature noise
CONV_AVG = 000
0.35
C
6.6 Magnetic Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TMAG5170A1
BIN_A1
Linear magnetic range
x_RANGE =00b
±50
mT
x_RANGE =01b
±25
mT
x_RANGE =10b
±100
mT
SENS50_A1
Sensitivity, X, Y, or Z axis
x_RANGE =00b
654
LSB/mT
SENS25_A1
x_RANGE =01b
1308
LSB/mT
SENS100_A1
x_RANGE =10b
326
LSB/mT
SENSER_25C_A1
Sensitivity error, X, Y, Z axis
TA = 25℃
–1.1%
±0.1%
1.1%
SENSLER_XY_A1
Sensitivity Linearity Error, X, Y-axis
TA = 25℃
±0.1%
SENSLER_Z_A1
Sensitivity Linearity Error, Z axis
±0.05%


Số phần tương tự - TMAG5170-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMAG5170-Q1 TI-TMAG5170-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   TMAG5170 High-Precision 3D Linear Hall-Effect Sensor With SPI
SEPTEMBER 2021
TMAG5170-Q1 TI-TMAG5170-Q1 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
TMAG5170-Q1 TI-TMAG5170-Q1_V01 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
More results

Mô tả tương tự - TMAG5170-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMAG5170-Q1 TI-TMAG5170-Q1_V01 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
TMAG5170 TI-TMAG5170 Datasheet
2Mb / 60P
[Old version datasheet]   TMAG5170 High-Precision 3D Linear Hall-Effect Sensor With SPI
SEPTEMBER 2021
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
[Old version datasheet]   TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
TMAG5170D-Q1 TI1-TMAG5170D-Q1_V01 Datasheet
2Mb / 80P
[Old version datasheet]   TMAG5170D-Q1 Dual-Die High-Precision 3D Linear Hall-Effect Sensor With SPI
MARCH 2023
TMAG5170D-Q1 TI-TMAG5170D-Q1 Datasheet
2Mb / 79P
[Old version datasheet]   TMAG5170D-Q1 Dual-Die High-Precision 3D Linear Hall-Effect Sensor With SPI
MARCH 2023
logo
Micronas
HAL2830 MICRONAS-HAL2830_16 Datasheet
443Kb / 34P
   Linear Hall-Effect Sensor Family with SENT Interface
logo
Texas Instruments
DRV5057-Q1 TI1-DRV5057-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   DRV5057-Q1 Automotive Linear Hall Effect Sensor With PWM Output
logo
TRINAMIC Motion Control...
TMCM-323 TRINAMIC-TMCM-323 Datasheet
474Kb / 1P
   3-Axis Encoder Interface with SPI
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com