công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMAG5124 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMAG5124
Giải thích chi tiết về linh kiện  TMAG5124 Hall Effect Switch With 2-Wire Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMAG5124 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button TMAG5124 Datasheet HTML 7Page - Texas Instruments TMAG5124 Datasheet HTML 8Page - Texas Instruments TMAG5124 Datasheet HTML 9Page - Texas Instruments TMAG5124 Datasheet HTML 10Page - Texas Instruments TMAG5124 Datasheet HTML 11Page - Texas Instruments TMAG5124 Datasheet HTML 12Page - Texas Instruments TMAG5124 Datasheet HTML 13Page - Texas Instruments TMAG5124 Datasheet HTML 14Page - Texas Instruments TMAG5124 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
BOP
Magnetic Field
Output
ICC (L)
ICC (H)
B1
B6
B4
B3
B5
B2
B7
t1
t3
t2
t4
t5
t6
t7
t8
BOP
Magnetic Field
Output
ICC (L)
ICC (H)
B1
B6
B4
B3
B5
B2
B7
t1
t3
t2
t4
t5
t6
t7
t8
BOP
Magnetic Field
Output
ICC (L)
ICC (H)
B1
B6
B4
B3
B5
B2
B7
t1
t3
t2
t4
t5
t6
t7
t8
Time
tdTyp
tdMin
tdMax
Time
Time
Time
Time
Time
11
TMAG5124
www.ti.com
SLYS016 – JUNE 2020
Product Folder Links: TMAG5124
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
8.3.5 Hall Element Location
The sensing element inside the device is in the center of the package when viewed from the top. Figure 16
shows the position of the sensor inside the package.
Figure 16. Hall Element Location
8.3.6 Propagation Delay
The TMAG5124 samples the Hall element at a nominal sampling interval of 12.5 µs to detect the presence of a
magnetic south pole. Between each sampling interval, the device calculates the average magnetic field applied
to the device. If this average value crosses the BOP or BRP threshold, the device changes the corresponding level
as defined in Figure 13. The hall sensor + magnet system is by nature asynchronous, therefore the propagation
delay (td) will vary depending on when the magnetic field goes above the BOP value. As show in Figure 17, the
output delay will then depend on when magnetic field will get higher than the BOP value.
The first graph in Figure 17 shows the typical case. The magnetic field goes above the BOP value at the moment
where the output is updated. The part will only require one sampling period of 12.5 µs to update the output.
The second graph in Figure 17 shows a magnetic field going above the BOP value just right before half of the
sampling period. This is the best-case scenario where the output will be updated in just half of the sampling
period.
Finally, the third graph in Figure 17 shows the worst-case scenario where the magnetic field goes above the BOP
value just after half of the sampling period. At the next output update, the value will still see a value under the
threshold and will require a whole new sampling period to update the output.
Figure 17. Field Sampling Timing


Số phần tương tự - TMAG5124

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMAG5124 TI-TMAG5124 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124 2-Wire, High-Precision, Hall-Effect Switch Sensor
TMAG5124 TI-TMAG5124 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124-Q1 Automotive 2-Wire, High-Precision, Hall-Effect Switch Sensor
NOVEMBER 2021
TMAG5124-Q1 TI-TMAG5124-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124-Q1 Automotive 2-Wire, High-Precision, Hall-Effect Switch Sensor
NOVEMBER 2021
TMAG5124A1CEDBZRQ1 TI-TMAG5124A1CEDBZRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124-Q1 Automotive 2-Wire, High-Precision, Hall-Effect Switch Sensor
NOVEMBER 2021
TMAG5124A1CQDBZR TI-TMAG5124A1CQDBZR Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124 2-Wire, High-Precision, Hall-Effect Switch Sensor
More results

Mô tả tương tự - TMAG5124

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMAG5124 TI-TMAG5124_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124 2-Wire, High-Precision, Hall-Effect Switch Sensor
TMAG5124-Q1 TI-TMAG5124-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124-Q1 Automotive 2-Wire, High-Precision, Hall-Effect Switch Sensor
NOVEMBER 2021
logo
Melexis Microelectronic...
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-007 MELEXIS-MLX92241LUA-AAA-007 Datasheet
687Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-005 MELEXIS-MLX92241LUA-AAA-005 Datasheet
693Kb / 11P
   2-Wire Hall Effect Switch
logo
Infineon Technologies A...
TLE4976-2K INFINEON-TLE4976-2K Datasheet
1Mb / 16P
   Hall Effect Switch with Current Interface
Rev. 1.2, 2010-08-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com