công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMAG5124 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMAG5124
Giải thích chi tiết về linh kiện  TMAG5124 Hall Effect Switch With 2-Wire Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMAG5124 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TMAG5124 Datasheet HTML 5Page - Texas Instruments TMAG5124 Datasheet HTML 6Page - Texas Instruments TMAG5124 Datasheet HTML 7Page - Texas Instruments TMAG5124 Datasheet HTML 8Page - Texas Instruments TMAG5124 Datasheet HTML 9Page - Texas Instruments TMAG5124 Datasheet HTML 10Page - Texas Instruments TMAG5124 Datasheet HTML 11Page - Texas Instruments TMAG5124 Datasheet HTML 12Page - Texas Instruments TMAG5124 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
B
I
CC
0 mT
BOP
BRP
BHYS
ICC (L)
ICC (H)
9
TMAG5124
www.ti.com
SLYS016 – JUNE 2020
Product Folder Links: TMAG5124
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Device Output
Once the device is powered and with no magnetic field applied to it, the output stays at Icc(H). If the field
increases above the BOP value then the output turns to ICC(L). The output will remain at this value until the field
decreases to a field value smaller than the BRP threshold.
Figure 13. Unipolar Functionality
8.3.3 Protection Circuits
The TMAG5124 device is protected against load dump and reverse polarity conditions.
8.3.3.1 Load Dump Protection
The TMAG5124 device operates at DC VCC conditions up to 38 V nominally, and can additionally withstand VCC
= 40 V. No current-limiting series resistor is required for this protection.
8.3.3.2 Reverse Polarity Protection
The TMAG5124 device is protected in the event that the VCC pin and the GND pin are reversed (up to –20 V).


Số phần tương tự - TMAG5124

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMAG5124 TI-TMAG5124 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124 2-Wire, High-Precision, Hall-Effect Switch Sensor
TMAG5124 TI-TMAG5124 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124-Q1 Automotive 2-Wire, High-Precision, Hall-Effect Switch Sensor
NOVEMBER 2021
TMAG5124-Q1 TI-TMAG5124-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124-Q1 Automotive 2-Wire, High-Precision, Hall-Effect Switch Sensor
NOVEMBER 2021
TMAG5124A1CEDBZRQ1 TI-TMAG5124A1CEDBZRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124-Q1 Automotive 2-Wire, High-Precision, Hall-Effect Switch Sensor
NOVEMBER 2021
TMAG5124A1CQDBZR TI-TMAG5124A1CQDBZR Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124 2-Wire, High-Precision, Hall-Effect Switch Sensor
More results

Mô tả tương tự - TMAG5124

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMAG5124 TI-TMAG5124_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124 2-Wire, High-Precision, Hall-Effect Switch Sensor
TMAG5124-Q1 TI-TMAG5124-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124-Q1 Automotive 2-Wire, High-Precision, Hall-Effect Switch Sensor
NOVEMBER 2021
logo
Melexis Microelectronic...
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-007 MELEXIS-MLX92241LUA-AAA-007 Datasheet
687Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-005 MELEXIS-MLX92241LUA-AAA-005 Datasheet
693Kb / 11P
   2-Wire Hall Effect Switch
logo
Infineon Technologies A...
TLE4976-2K INFINEON-TLE4976-2K Datasheet
1Mb / 16P
   Hall Effect Switch with Current Interface
Rev. 1.2, 2010-08-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com