công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SFT1443-H bảng dữ liệu(PDF) 2 Page - VBsemi Electronics Co.,Ltd

tên linh kiện SFT1443-H
Giải thích chi tiết về linh kiện  N-Channel 100 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VBSEMI [VBsemi Electronics Co.,Ltd]
Trang chủ  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SFT1443-H bảng dữ liệu(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  SFT1443-H Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SFT1443-H Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SFT1443-H Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SFT1443-H Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SFT1443-H Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SFT1443-H Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SFT1443-H Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
 300 µs, duty cycle  2 %.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
100
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V
1
µA
VDS = 100 V, VGS = 0 V, TJ = 125 °C
50
VDS = 100 V, VGS = 0 V, TJ = 175 °C
250
On-State Drain Currentb
ID(on)
VDS =5 V, VGS = 10 V
40
A
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 3 A
0.
VGS = 10 V, ID = 3 A, TJ = 125 °C
0.
VGS = 10 V, ID = 3 A, TJ = 175 °C
0.
140
VGS = 4.5 V ID = 3 A
0.
Forward Transconductanceb
gfs
VDS = 15 V, ID = 3 A
35
S
Dynamica
Input Capacitance
Ciss
VGS = 0 V, VDS = 25 V, F = 1 MHz
950
pF
Output Capacitance
Coss
120
Reverse Transfer Capacitance
Crss
60
Total Gate Chargec
Qg
VDS = 50 V, VGS = 10 V, ID = 3 A
24
41
nC
Gate-Source Chargec
Qgs
8
Gate-Drain Chargec
Qgd
12
Gate Resistance
Rg
0.5
2.9
Turn-On Delay Timec
td(on)
VDD = 50 V, RL = 5.2 Ω
ID ≅ 3 A, VGEN = 10 V, Rg = 2.5 Ω
15
25
ns
Rise Timec
tr
50
75
Turn-Off Delay Timec
td(off)
30
45
Fall Timec
tf
60
90
Source-Drain Diode Ratings and Characteristics (TC = 25 °C)
Pulsed Current
ISM
5
A
Diode Forward Voltageb
VSD
IF = 3 A, VGS = 0 V
0.9
1.5
V
Source-Drain Reverse Recovery Time
trr
IF = 3 A, dI/dt = 100 A/µs
180
250
ns
114
1
20
1
20
1.0
2.5
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
SFT1443-H
2


Số phần tương tự - SFT1443-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
VBsemi Electronics Co.,...
SFT1443-E VBSEMI-SFT1443-E Datasheet
1Mb / 9P
   N-Channel 100-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SFT1443-E DOINGTER-SFT1443-E Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SFT1443-TL-H VBSEMI-SFT1443-TL-H Datasheet
1Mb / 9P
   N-Channel 100-V (D-S) MOSFET
More results

Mô tả tương tự - SFT1443-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com