công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA5130E bảng dữ liệu(PDF) 6 Page - Intersil Corporation

tên linh kiện CA5130E
Giải thích chi tiết về linh kiện  15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5130E bảng dữ liệu(HTML) 6 Page - Intersil Corporation

Back Button CA5130E Datasheet HTML 2Page - Intersil Corporation CA5130E Datasheet HTML 3Page - Intersil Corporation CA5130E Datasheet HTML 4Page - Intersil Corporation CA5130E Datasheet HTML 5Page - Intersil Corporation CA5130E Datasheet HTML 6Page - Intersil Corporation CA5130E Datasheet HTML 7Page - Intersil Corporation CA5130E Datasheet HTML 8Page - Intersil Corporation CA5130E Datasheet HTML 9Page - Intersil Corporation CA5130E Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Application Information
Circuit Description
The input terminals shown in the block diagram of the CA5130
Series CMOS Operational Amplifiers may be operated down to
0.5V below the negative supply rail, and the output can be
swung very close to either supply rail in many applications.
Consequently, the CA5130 Series circuits are ideal for single
supply operation. Three Class A amplifier stages, having the
individual gain capability and current consumption shown in the
Block Diagram, provide the total gain of the CA5130. A biasing
circuit provides two potentials for common use in the first and
second stages. Terminal 8 can be used both for phase
compensation and to strobe the output stage into quiescence.
When Terminal 8 is tied to the negative supply rail (Terminal 4)
by mechanical or electrical means, the output potential at
Terminal 6 essentially rises to the positive supply rail potential
at Terminal 7. This condition of essentially zero current drain in
the output stage under the strobed “OFF” condition can only be
achieved when the ohmic load resistance presented to the
amplifier is very high (e.g., when the amplifier output is used to
drive CMOS digital circuits in comparator applications).
Input Stages
The circuit of the CA5130 is shown in the Schematic Diagram.
It consists of a differential input stage using PMOS field-effect
transistors (Q6, Q7) working into a mirror pair of bipolar
transistors (Q9, Q10) functioning as load resistors together
with resistors R3 through R6. The mirror pair transistors also
function as a differential-to-single-ended converter to provide
base drive to the second stage bipolar transistor (Q11). Offset
nulling, when desired, can be effected by connecting a
100,000
Ω potentiometer across Terminals 1 and 5 and the
potentiometer slider arm to Terminal 4. Cascode connected
PMOS transistors Q2, Q4 are the constant current source for
the input stage. The biasing circuit for the constant current
source is subsequently described. The small diodes D5
through D8 provide gate oxide protection against high voltage
transients, e.g., including static electricity during handling for
Q6 and Q7.
Second Stage
Most of the voltage gain in the CA5130 is provided by the
second amplifier stage, consisting of bipolar transistor Q11
and its cascode connected load resistance provided by
PMOS transistors Q3 and Q5. The source of bias potentials
for these PMOS transistors is subsequently described.
Miller-Effect compensation (roll-off) is accomplished by
simply connecting a small capacitor between Terminals 1
and 8. A 47pF capacitor provides sufficient compensation for
stable unity gain operation in most applications.
Bias Source Circuit
At total supply voltages, somewhat above 8.3V, resistor R2
and zener diode Z1 serve to establish a voltage of 8.3V
across the series connected circuit, consisting of resistor R1,
diodes D1 through D4, and PMOS transistor Q1. A tap at the
junction of resistor R1 and diode D4 provides a gate bias
potential of about 4.5V for PMOS transistors Q4 and Q5 with
respect to Terminal 7. A potential of about 2.2V is developed
across diode connected PMOS transistor Q1 with respect to
Terminal 7 to provide gate bias for PMOS transistors Q2 and
Q3. It should be noted that Q1 is “mirror connected” to both
Q2 and Q3. Since transistors Q1,Q2,Q3 are designed to be
identical, the approximately 200
µA current in Q1 establishes
a similar current in Q2 and Q3 as constant current sources
for both the first and second amplifier stages, respectively.
At total supply voltages somewhat less than 8.3V, zener diode
Z1 becomes nonconductive and the potential, developed
across series connected R1,D1-D4, and Q1, varies directly with
variations in supply voltage. Consequently, the gate bias for Q4,
Q5 and Q2, Q3 varies in accordance with supply voltage
variations. This variation results in deterioration of the power
supply rejection ratio (PSRR) at total supply voltages below
8.3V. Operation at total supply voltages below about 4.5V
results in seriously degraded performance.
Output Stage
The output stage consists of a drain loaded inverting amplifier
using CMOS transistors operating in the Class A mode. When
operating into very high resistance load, the output can be
swung within mV of either supply rail. Because the output stage
is a drain loaded amplifier, its gain is dependent upon the load
impedance. The transfer characteristics of the output stage for
a load returned to the negative supply rail are shown in Figure
15. Typical op amp loads are readily driven by the output stage.
Because large signal excursions are nonlinear, requiring
feedback for good waveform reproduction, transient delays may
be encountered. As a voltage follower, the amplifier can achieve
0.01% accuracy levels, including the negative supply rail.
Input Current Variation with Common Mode Input
Voltage
As shown in the Table of Electrical Specifications, the input
current for the CA5130 Series Op Amps is typically 5pA at
TA =25
oC when Terminals 2 and 3 are at a common mode
potential of +7.5V with respect to negative supply Terminal 4.
Figure 24 contains data showing the variation of input current
as a function of common mode input voltage at TA =25
oC. This
data shows that circuit designers can advantageously exploit
these characteristics to design circuits which typically require
an input current of less than 1pA, provided the common mode
input voltage does not exceed 2V. As previously noted, the
input current is essentially the result of the leakage current
through the gate protection diodes in the input circuit and,
therefore, a function of the applied voltage. Although the finite
resistance of the glass terminal-to-case insulator of the metal
can package also contributes an increment of leakage current,
there are useful compensating factors. Because the gate
protection network functions as if it is connected to Terminal 4
potential, and the metal can case of the CA5130 is also
internally tied to Terminal 4, input Terminal 3 is essentially
“guarded” from spurious leakage currents.
CA5130, CA5130A


Số phần tương tự - CA5130E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
CA513 MACOM-CA513 Datasheet
372Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
CA513 MA-COM-CA513 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
More results

Mô tả tương tự - CA5130E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA5260 INTERSIL-CA5260 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA5260 INTERSIL-CA5260_05 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19