công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10H121FN bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC10H121FN
Giải thích chi tiết về linh kiện  4-WIDE OR-AND / OR-AND GATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H121FN bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC10H121FN Datasheet HTML 1Page - ON Semiconductor MC10H121FN Datasheet HTML 2Page - ON Semiconductor MC10H121FN Datasheet HTML 3Page - ON Semiconductor MC10H121FN Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MC10H121
http://onsemi.com
4
CDIP–16
L SUFFIX
CERAMIC DIP PACKAGE
CASE 620A–01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
–A–
B
F
C
S
H
G
D
J
L
M
16 PL
SEATING
18
9
16
K
PLANE
–T–
M
A
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.70
1.02
1.77
G
0.100 BSC
2.54 BSC
H
0.050 BSC
1.27 BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
0
10
0
10
S
0.020
0.040
0.51
1.01
_
_
_
_
PDIP–16
P SUFFIX
PLASTIC DIP PACKAGE
CASE 648–08
ISSUE R
F
E
N
K
C
SEATING
PLANE
A
M
0.25 (0.010)
T
M
L
A
B
A
B
16
1
9
8
G
16X
D
B
M
0.25 (0.010)
T
T
16X
J
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSION F MAY NARROW TO 0.76 (0.030)
WHERE THE LEAD ENTERS THE CERAMIC
BODY.
5
THIS DRAWING REPLACES OBSOLETE
CASE OUTLINE 620–10.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.750
0.785
19.05
19.93
B
0.240
0.295
6.10
7.49
C
–––
0.200
–––
5.08
D
0.015
0.020
0.39
0.50
E
0.050 BSC
1.27 BSC
F
0.055
0.065
1.40
1.65
G
0.100 BSC
2.54 BSC
H
0.008
0.015
0.21
0.38
K
0.125
0.170
3.18
4.31
L
0.300 BSC
7.62 BSC
M
0
15
0
15
N
0.020
0.040
0.51
1.01
__
__
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes
without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability,
including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be
validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others.
SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or
death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold
SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable
attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
CENTRAL/SOUTH AMERICA:
Spanish Phone: 303–308–7143 (Mon–Fri 8:00am to 5:00pm MST)
Email: ONlit–spanish@hibbertco.com
ASIA/PACIFIC: LDC for ON Semiconductor – Asia Support
Phone: 303–675–2121 (Tue–Fri 9:00am to 1:00pm, Hong Kong Time)
Toll Free from Hong Kong & Singapore:
001–800–4422–3781
Email: ONlit–asia@hibbertco.com
JAPAN: ON Semiconductor, Japan Customer Focus Center
4–32–1 Nishi–Gotanda, Shinagawa–ku, Tokyo, Japan 141–0031
Phone: 81–3–5740–2745
Email: r14525@onsemi.com
ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local
Sales Representative.
MC10H121/D
NORTH AMERICA Literature Fulfillment:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303–675–2175 or 800–344–3860 Toll Free USA/Canada
Fax: 303–675–2176 or 800–344–3867 Toll Free USA/Canada
Email: ONlit@hibbertco.com
Fax Response Line: 303–675–2167 or 800–344–3810 Toll Free USA/Canada
N. American Technical Support: 800–282–9855 Toll Free USA/Canada
EUROPE: LDC for ON Semiconductor – European Support
German Phone: (+1) 303–308–7140 (M–F 1:00pm to 5:00pm Munich Time)
Email: ONlit–german@hibbertco.com
French Phone: (+1) 303–308–7141 (M–F 1:00pm to 5:00pm Toulouse Time)
Email: ONlit–french@hibbertco.com
English Phone: (+1) 303–308–7142 (M–F 12:00pm to 5:00pm UK Time)
Email: ONlit@hibbertco.com
EUROPEAN TOLL–FREE ACCESS*: 00–800–4422–3781
*Available from Germany, France, Italy, England, Ireland


Số phần tương tự - MC10H121FN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H121FN ONSEMI-MC10H121FN Datasheet
151Kb / 6P
   4?뭌ide OR?묨ND/OR?묨ND Gate
February, 2006 ??Rev. 8
MC10H121FNG ONSEMI-MC10H121FNG Datasheet
151Kb / 6P
   4?뭌ide OR?묨ND/OR?묨ND Gate
February, 2006 ??Rev. 8
MC10H121FNR2 ONSEMI-MC10H121FNR2 Datasheet
151Kb / 6P
   4?뭌ide OR?묨ND/OR?묨ND Gate
February, 2006 ??Rev. 8
MC10H121FNR2G ONSEMI-MC10H121FNR2G Datasheet
151Kb / 6P
   4?뭌ide OR?묨ND/OR?묨ND Gate
February, 2006 ??Rev. 8
More results

Mô tả tương tự - MC10H121FN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10121 ONSEMI-MC10121 Datasheet
101Kb / 5P
   4-Wide OR-AND/OR-AND Gate
1996 REV 5
MC10121 ONSEMI-MC10121_02 Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
logo
National Semiconductor ...
54LS54 NSC-54LS54 Datasheet
52Kb / 2P
   4-WIDE, 2-INPUT AND-OR-INVERT GATE
DM74LS54 NSC-DM74LS54 Datasheet
109Kb / 6P
   4-WIDE, 2-Input AND-OR-INVERT Gate
logo
Motorola, Inc
SN54LS55 MOTOROLA-SN54LS55 Datasheet
46Kb / 2P
   2-WIDE 4-INPUT AND-OR-INVERT GATE
logo
NXP Semiconductors
HEF4086B PHILIPS-HEF4086B Datasheet
41Kb / 5P
   4-wide 2-input AND-OR-invert gate
January 1995
logo
National Semiconductor ...
DM74LS55 NSC-DM74LS55 Datasheet
112Kb / 6P
   2-Wide, 4-Input AND-OR-INVERT Gate
logo
ON Semiconductor
MC10117 ONSEMI-MC10117 Datasheet
104Kb / 5P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
1996 REV 5
MC10H117 ONSEMI-MC10H117 Datasheet
96Kb / 3P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
1996 REV 5
MC10117 ONSEMI-MC10117_02 Datasheet
109Kb / 8P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com