công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74VHC1G07 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC74VHC1G07
Giải thích chi tiết về linh kiện  Noninverting Buffer with Open Drain Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G07 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC74VHC1G07 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G07 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G07 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G07 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G07 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G07 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G07 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G07 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74VHC1G07
http://onsemi.com
2
MAXIMUM RATINGS*
Characteristics
Symbol
Value
Unit
DC Supply Voltage
VCC
–0.5 to +7.0
V
DC Input Voltage
VIN
–0.5 to +7.0
V
DC Output Voltage
VOUT
–0.5 to 7.0
V
Input Diode Current
IIK
–20
mA
Output Diode Current
(VOUT < GND; VOUT > VCC)
IOK
+20
mA
DC Output Current, per Pin
IOUT
+25
mA
DC Supply Current, VCC and GND
ICC
+50
mA
Power dissipation in still air, SC–88A †
PD
200
mW
Lead temperature, 1 mm from case for 10 s
TL
260
°C
Storage temperature
Tstg
–65 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those
indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is not implied. Functional
operation should be restricted to the Recommended Operating Conditions.
†Derating — SC–88A Package: –3 mW/
_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Characteristics
Symbol
Min
Max
Unit
DC Supply Voltage
VCC
2.0
5.5
V
DC Input Voltage
VIN
0.0
5.5
V
DC Output Voltage
VOUT
0.0
7.0
V
Operating Temperature Range
TA
–55
+85
°C
Input Rise and Fall Time
VCC = 3.3V ± 0.3V
VCC = 5.0V ± 0.5V
tr , tf
0
0
100
20
ns/V


Số phần tương tự - MC74VHC1G07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
E-Tech Electronics LTD
MC74VHC1G07 ETL-MC74VHC1G07 Datasheet
577Kb / 4P
   Noninverting Buffer with Open Drain Output
logo
ON Semiconductor
MC74VHC1G07 ONSEMI-MC74VHC1G07 Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
MC74VHC1G07 ONSEMI-MC74VHC1G07 Datasheet
206Kb / 14P
   Single Non-Inverting Buffer
November, 2018 ??Rev. 19
MC74VHC1G07 ONSEMI-MC74VHC1G07 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
MC74VHC1G07DBVT1G ONSEMI-MC74VHC1G07DBVT1G Datasheet
206Kb / 14P
   Single Non-Inverting Buffer
November, 2018 ??Rev. 19
More results

Mô tả tương tự - MC74VHC1G07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
L74VHC1G07 LRC-L74VHC1G07 Datasheet
226Kb / 6P
   Noninverting Buffer with Open Drain Output
logo
E-Tech Electronics LTD
MC74VHC1G07 ETL-MC74VHC1G07 Datasheet
577Kb / 4P
   Noninverting Buffer with Open Drain Output
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
   Buffer with open-drain output
2004 Sep 07
logo
Unisonic Technologies
U74HCT3G07 UTC-U74HCT3G07_15 Datasheet
161Kb / 4P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
NL17SG07 ONSEMI-NL17SG07 Datasheet
95Kb / 9P
   Buffer with Open Drain Output
August, 2014 ??Rev. 5
NL17SG07E ONSEMI-NL17SG07E Datasheet
72Kb / 6P
   Buffer with Open Drain Output
August, 2018 ??Rev. 2
logo
Nexperia B.V. All right...
74AHC1G07 NEXPERIA-74AHC1G07 Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
74LVC1G07-Q100 NEXPERIA-74LVC1G07-Q100 Datasheet
219Kb / 12P
   Buffer with open-drain output
Rev. 5 - 3 February 2022
logo
Unisonic Technologies
U74AHC1G07 UTC-U74AHC1G07 Datasheet
145Kb / 5P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74AHC1G07 PHILIPS-74AHC1G07 Datasheet
77Kb / 16P
   Buffer with open-drain output
2002 Oct 02
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com