công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74VHC1G03DFT1 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC74VHC1G03DFT1
Giải thích chi tiết về linh kiện  2-Input NOR Gate with Open Drain Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G03DFT1 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC74VHC1G03DFT1 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G03DFT1 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G03DFT1 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G03DFT1 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G03DFT1 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G03DFT1 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G03DFT1 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G03DFT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74VHC1G03
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA ≤ 85°C
TA ≤ 125°C
Symbol
Parameter
Test Conditions
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
VIH
Minimum High–Level
Input Voltage
2.0
3.0
4.5
5.5
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
V
VIL
Maximum Low–Level
Input Voltage
2.0
3.0
4.5
5.5
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
V
VOH
Minimum High–Level
Output Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOH = –50µA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
1.9
2.9
4.4
V
VIN = VIH or VIL
IOH = –4mA
IOH = –8mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
V
VOL
Maximum Low–Level
Output Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOL = 50µA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 4mA
IOL = 8mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
V
IIN
Maximum Input
Leakage Current
VIN = 5.5V or GND
0 to
5.5
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
5.5
2.0
20
40
µA
IOPD
Maximum
Off–state
Leakage Current
VOUT = 5.5V
0
0.25
2.5
5.0
µA
AC ELECTRICAL CHARACTERISTICS (Cload = 50 pF, Input tr = tf = 3.0ns)
TA = 25°C
TA ≤ 85°C
TA ≤ 125°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
tPZL
Maximum Output
Enable Time,
Input A or B to Y
VCC = 3.0 ± 0.3V
CL = 15 pF
RL = 1KW
CL = 50 pF
5.6
8.1
7.9
11.4
9.5
13.0
11.0
15.5
ns
Input A or B to Y
VCC = 5.0 ± 0.5V
CL = 15 pF
RL = 1KW
CL = 50 pF
3.6
5.1
5.5
7.5
6.5
8.5
8.0
10.0
tPLZ
Maximum Output
Di
bl Ti
VCC = 3.0 ± 0.3V, RL = 1KW, CL = 50 pF
8.1
11.4
13.0
15.5
ns
Disable Time
VCC = 5.0 ± 0.5V, RL = 1KW, CL = 50 pF
5.1
7.5
8.5
10.0
CIN
Maximum Input
Capacitance
4
10
10
10
pF
Typical @ 25
°C, VCC = 5.0V
CPD
Power Dissipation Capacitance (Note 1.)
18
pF
1. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no–load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.
RL
VCC – 7V
Figure 2. Output Voltage Mismatch Application
OVT
VCC
A
B


Số phần tương tự - MC74VHC1G03DFT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC74VHC1G03DFT1 ETC1-MC74VHC1G03DFT1 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
E-Tech Electronics LTD
MC74VHC1G03DFT1 ETL-MC74VHC1G03DFT1 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G03DFT1 ONSEMI-MC74VHC1G03DFT1 Datasheet
84Kb / 6P
   Single 2?묲nput NOR Gate with Open Drain Output
January, 2007 ??Rev. 14
MC74VHC1G03DFT1G ONSEMI-MC74VHC1G03DFT1G Datasheet
84Kb / 6P
   Single 2?묲nput NOR Gate with Open Drain Output
January, 2007 ??Rev. 14
MC74VHC1G03DFT1G ONSEMI-MC74VHC1G03DFT1G Datasheet
207Kb / 14P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 15
More results

Mô tả tương tự - MC74VHC1G03DFT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHC1G03 ONSEMI-MC74VHC1G03_V01 Datasheet
171Kb / 14P
   Single 2-Input NOR Gate with Open Drain Output
April, 2022 ??Rev. 17
logo
Leshan Radio Company
L74VHC1GT03 LRC-L74VHC1GT03 Datasheet
215Kb / 6P
   2-Input NOR Gate with Open Drain Output with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1G03DFT1G ONSEMI-MC74VHC1G03DFT1G Datasheet
84Kb / 6P
   Single 2?묲nput NOR Gate with Open Drain Output
January, 2007 ??Rev. 14
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
   2-Input AND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
195Kb / 8P
   2-Input AND Gate with Open Drain Output
October, 1999 ??Rev. 0.0
logo
Leshan Radio Company
MC74VHC1G01 LRC-MC74VHC1G01 Datasheet
153Kb / 4P
   2-Input NAND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com