công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SL1021A300 bảng dữ liệu(PDF) 4 Page - Littelfuse

tên linh kiện SL1021A300
Giải thích chi tiết về linh kiện  Gas Discharge Tubes - High Performance Beta Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1021A300 bảng dữ liệu(HTML) 4 Page - Littelfuse

  SL1021A300 Datasheet HTML 1Page - Littelfuse SL1021A300 Datasheet HTML 2Page - Littelfuse SL1021A300 Datasheet HTML 3Page - Littelfuse SL1021A300 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
338
www .littelfuse .com
Gas Discharge Tubes
ORDERING INFORMATION
1021 B
SL
Voltage
Pin Configuration
Failsafe Optio
F=Plastic
S=Solder
n
C=Core
R=Leaded
Greentube™ SL1021B Series Gas Plasma Arresters
3 ELECTRODE GDT
a=TIP
b=RING
e=GROUND
(centre electrode)
GRAPHICAL SYMBOL
a
b
e
High Performance Beta Range
ø8.0+
_0.2
ø1.0+
_0.2
All dimensions in mm
The SL1021B series offers high levels of performance on fast ris-
ing transients in the domain of 100V/
µS to 1KV/µS, which are
those most likely from induced Lightning disturbances. The
SL1021B series also features ultra low capacitance (typically 1pF
or less) and optimised internal geometry which provides low
insertion loss at high frequencies, so are ideal for the protection
of broadband equipment. These devices are extremely robust
and are able to divert a 20,000Amp pulse without destruction.
FEATURES
RoHS compliant except ‘RS’ suffix
Low insertion loss
Excellent response to fast rising transients.
Ultra low capacitance.
10KA surge capability tested with 8/20
µS pulse as defined by
IEC 6100-4-5
20,000 A single shot surge capability tested with 8/20
µs
pulse as defined by IEC 6100-4-5
Available with thermal failsafe option (add ‘F’ or ‘S’ suffix to
part number)
Applications:
Broadband equipment.
ADSL equipment.
XDSL equipment.
Satellite and CATV equipment.
General telecom equipment.
Mechanical Specifications:
Weight:
0.63g (0.022 oz.)
Materials:
Electrode Base: Nickel Iron Alloy
Electrode Plating: Bright Sn
Body: Ceramic
Device Marking:
Littelfuse ‘LF’ marking, Voltage and date
code. Blue.
®
Pb
RoHS
SL1021A xxxC
SL1021B xxxR
SL1021B xxxRF
SL1021B xxxRS


Số phần tương tự - SL1021A300

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
SL1021A300 LITTELFUSE-SL1021A300 Datasheet
272Kb / 4P
   Gas Discharge Tubes
SL1021A300 LITTELFUSE-SL1021A300 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A300 LITTELFUSE-SL1021A300 Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1021A300 LITTELFUSE-SL1021A300 Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
SL1021A300 LITTELFUSE-SL1021A300 Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

Mô tả tương tự - SL1021A300

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
SL1002A090 LITTELFUSE-SL1002A090 Datasheet
217Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
HV275A LITTELFUSE-HV275A Datasheet
80Kb / 2P
   Gas Discharge Tubes - High Performance Beta Range
SL1011A LITTELFUSE-SL1011A Datasheet
177Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
SL1122A LITTELFUSE-SL1122A Datasheet
99Kb / 2P
   Gas Discharge Tubes - High Performance Alpha Range
SL1024B LITTELFUSE-SL1024B Datasheet
202Kb / 3P
   Gas Discharge Tubes - Omega Range
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com