công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74VHC1G03 bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MC74VHC1G03
Giải thích chi tiết về linh kiện  2-Input NOR Gate with Open Drain Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G03 bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MC74VHC1G03 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G03 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G03 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G03 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G03 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G03 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G03 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G03 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74VHC1G03
http://onsemi.com
5
Figure 5. Carrier Tape Specifications
D1
FOR COMPONENTS
10 PITCHES
CUMULATIVE
TOLERANCE ON
TAPE
±0.2 mm
(
±0.008”)
2.0 mm
× 1.2 mm
AND LARGER
CENTER LINES
OF CAVITY
EMBOSSMENT
USER DIRECTION OF FEED
K0
SEE
NOTE 2
P0
P2
D
E
F
W
B0
+
+
+
K
t
B1
TOP
COVER
TAPE
P
SEE NOTE 2
A0
FOR MACHINE REFERENCE
ONLY
INCLUDING DRAFT AND RADII
CONCENTRIC AROUND B0
R MIN.
TAPE AND COMPONENTS
SHALL PASS AROUND RADIUS “R”
WITHOUT DAMAGE
BENDING RADIUS
*TOP COVER
TAPE THICKNESS (t1)
0.10 mm
(0.004”) MAX.
EMBOSSED
CARRIER
EMBOSSMENT
TYPICAL
COMPONENT CAVITY
CENTER LINE
TYPICAL
COMPONENT
CENTER LINE
MAXIMUM COMPONENT ROTATION
10
°
CAMBER (TOP VIEW)
ALLOWABLE CAMBER TO BE 1 mm/100 mm NONACCUMULATIVE OVER 250 mm
100 mm
(3.937”)
1 mm
(0.039”) MAX
250 mm
(9.843”)
1 mm MAX
TAPE
EMBOSSED CARRIER DIMENSIONS (See Notes 1 and 2)
Tape
Size
B1
Max
D
D1
E
F
K
P
P0
P2
R
T
W
8 mm
4.35 mm
(0.171”)
1.5 +0.1/
–0.0 mm
(0.059
+0.004/
–0.0”)
1.0 mm
Min
(0.039”)
1.75
±0.1 mm
(0.069
±0.004”)
3.5
±0.5 mm
(1.38
±0.002”)
2.4 mm
(0.094”)
4.0
±0.10 mm
(0.157
±0.004”)
4.0
±0.1 mm
(0.156
±0.004”)
2.0
±0.1 mm
(0.079
±0.002”)
25 mm
(0.98”)
0.3
±0.05 mm
(0.01
+0.0038/
–0.0002”)
8.0
±0.3 mm
(0.315
±0.012”)
1. Metric Dimensions Govern–English are in parentheses for reference only.
2. A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm min to
0.50 mm max. The component cannot rotate more than 10
° within the determined cavity


Số phần tương tự - MC74VHC1G03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
E-Tech Electronics LTD
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G03 ONSEMI-MC74VHC1G03 Datasheet
207Kb / 14P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 15
MC74VHC1G03 ONSEMI-MC74VHC1G03 Datasheet
171Kb / 14P
   Single 2-Input NOR Gate with Open Drain Output
April, 2022 ??Rev. 17
MC74VHC1G03DBVT1G ONSEMI-MC74VHC1G03DBVT1G Datasheet
171Kb / 14P
   Single 2-Input NOR Gate with Open Drain Output
April, 2022 ??Rev. 17
More results

Mô tả tương tự - MC74VHC1G03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHC1G03 ONSEMI-MC74VHC1G03_V01 Datasheet
171Kb / 14P
   Single 2-Input NOR Gate with Open Drain Output
April, 2022 ??Rev. 17
logo
Leshan Radio Company
L74VHC1GT03 LRC-L74VHC1GT03 Datasheet
215Kb / 6P
   2-Input NOR Gate with Open Drain Output with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1G03DFT1G ONSEMI-MC74VHC1G03DFT1G Datasheet
84Kb / 6P
   Single 2?묲nput NOR Gate with Open Drain Output
January, 2007 ??Rev. 14
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
   2-Input AND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
195Kb / 8P
   2-Input AND Gate with Open Drain Output
October, 1999 ??Rev. 0.0
logo
Leshan Radio Company
MC74VHC1G01 LRC-MC74VHC1G01 Datasheet
153Kb / 4P
   2-Input NAND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com