công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74VHC1G01DFT1G bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện MC74VHC1G01DFT1G
Giải thích chi tiết về linh kiện  2-Input NAND Gate with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G01DFT1G bảng dữ liệu(HTML) 6 Page - ON Semiconductor

  MC74VHC1G01DFT1G Datasheet HTML 1Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 2Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 3Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 4Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 5Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MC74VHC1G01
http://onsemi.com
6
PACKAGE DIMENSIONS
TSOP−5/SOT−23/SC−59
CASE 483−02
ISSUE D
0.7
0.028
1.0
0.039
mm
inches
SCALE 10:1
0.95
0.037
2.4
0.094
1.9
0.074
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. MAXIMUM LEAD THICKNESS INCLUDES
LEAD FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS
OF BASE MATERIAL.
4. A AND B DIMENSIONS DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.1142
0.1220
B
1.30
1.70
0.0512
0.0669
C
0.90
1.10
0.0354
0.0433
D
0.25
0.50
0.0098
0.0197
G
0.85
1.05
0.0335
0.0413
H
0.013
0.100
0.0005
0.0040
J
0.10
0.26
0.0040
0.0102
K
0.20
0.60
0.0079
0.0236
L
1.25
1.55
0.0493
0.0610
M
0
10
0
10
S
2.50
3.00
0.0985
0.1181
0.05 (0.002)
12
3
54
S
A
G
L
B
D
H
C
K
M
J
_
___
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
MC74VHC1G01/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Số phần tương tự - MC74VHC1G01DFT1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHC1G01DFT1G ONSEMI-MC74VHC1G01DFT1G Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
MC74VHC1G01DFT1G ONSEMI-MC74VHC1G01DFT1G Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G01DFT1G ONSEMI-MC74VHC1G01DFT1G Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
MC74VHC1G01DFT1G-L22038 ONSEMI-MC74VHC1G01DFT1G-L22038 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
More results

Mô tả tương tự - MC74VHC1G01DFT1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G01 LRC-MC74VHC1G01 Datasheet
153Kb / 4P
   2-Input NAND Gate with Open Drain Output
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
   2-Input NAND Gate with Open Drain Output
logo
Toshiba Semiconductor
TC7SZ38F TOSHIBA-TC7SZ38F Datasheet
188Kb / 7P
   2-Input NAND Gate(Open Drain Output)
logo
ON Semiconductor
NL17SZ38 ONSEMI-NL17SZ38 Datasheet
266Kb / 10P
   2-Input NAND Gate, Open Drain Output
December, 2019 ??Rev. 0
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com