công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Q2008L4 bảng dữ liệu(PDF) 4 Page - Littelfuse |
|
Q2008L4 bảng dữ liệu(HTML) 4 Page - Littelfuse |
4 / 10 page Triacs Data Sheets http://www.littelfuse.com E2 - 4 ©2004 Littelfuse, Inc. +1 972-580-7777 Thyristor Product Catalog Specific Test Conditions di/dt — Maximum rate-of-change of on-state current; IGT = 200 mA with ≤0.1 µs rise time dv/dt — Critical rate-of-rise of off-state voltage at rated VDRM gate open dv/dt(c) — Critical rate-of-rise of commutation voltage at rated VDRM and IT(RMS) commutating di/dt = 0.54 rated IT(RMS)/ms; gate unenergized I2t — RMS surge (non-repetitive) on-state current for period of 8.3 ms for fusing IDRM — Peak off-state current, gate open; VDRM = maximum rated value IGT — DC gate trigger current in specific operating quadrants; VD = 12 V dc IGTM — Peak gate trigger current IH — Holding current (DC); gate open IT(RMS) — RMS on-state current conduction angle of 360° ITSM — Peak one-cycle surge PG(AV) — Average gate power dissipation PGM — Peak gate power dissipation; IGT ≤ IGTM tgt — Gate controlled turn-on time; IGT = 200 mA with 0.1 µs rise time VDRM — Repetitive peak blocking voltage VGT — DC gate trigger voltage; VD = 12 V dc; RL = 60 Ω VTM — Peak on-state voltage at maximum rated RMS current General Notes • All measurements are made at 60 Hz with a resistive load at an ambient temperature of +25 °C unless specified otherwise. • Operating temperature range (TJ) is -65 °C to +125 °C for TO-92, -25 °C to +125 °C for Fastpak, and -40 °C to +125 °C for all other devices. • Storage temperature range (TS) is -65 °C to +150 °C for TO-92, -40 °C to +150 °C for TO-202, and -40 °C to +125 °C for all other devices. • Lead solder temperature is a maximum of 230 °C for 10 seconds, maximum; ≥1/16" (1.59 mm) from case. • The case temperature (TC) is measured as shown on the dimen- sional outline drawings. See “Package Dimensions” section of this catalog. IT(RMS) Part Number VDRM IGT IDRM Isolated Non-isolated (4) (16) TO-3 Fastpak TO-220 TO-202 TO-220 TO-263 D2Pak (1) Volts (3) (7) (15) mAmps (1) (16) mAmps QI QII QIII QIV QIV TC = 25 °C TC = 100 °C TC = 125 °C MAX See “Package Dimensions” section for variations. (11) MIN MAX TYP MAX 10 A Q2010L4 Q2010R4 Q2010N4 200 25 25 25 50 0.05 1 Q4010L4 Q4010R4 Q4010N4 400 25 25 25 50 0.05 1 Q6010L4 Q6010R4 Q6010N4 600 25 25 25 50 0.05 1 Q8010L4 Q8010R4 Q8010N4 800 25 25 25 50 0.1 1 QK010L4 QK010R4 QK010N4 1000 25 25 25 50 0.1 3 Q2010L5 Q2010F51 Q2010R5 Q2010N5 200 50 50 50 75 0.05 0.5 2 Q4010L5 Q4010F51 Q4010R5 Q4010N5 400 50 50 50 75 0.05 0.5 2 Q6010L5 Q6010F51 Q6010R5 Q6010N5 600 50 50 50 75 0.05 0.5 2 Q8010L5 Q8010R5 Q8010N5 800 50 50 50 75 0.1 0.5 2 QK010L5 QK010R5 QK010N5 1000 50 50 50 75 0.1 3 15 A Q2015L5 Q2015R5 Q2015N5 200 50 50 50 0.05 0.5 2 Q4015L5 Q4015R5 Q4015N5 400 50 50 50 0.05 0.5 2 Q6015L5 Q6015R5 Q6015N5 600 50 50 50 0.05 0.5 2 Q8015L5 Q8015R5 Q8015N5 800 50 50 50 0.1 1 3 QK015L5 QK015R5 QK015N5 1000 50 50 50 0.1 3 25 A Q2025R5 Q2025N5 200 50 50 50 0.1 1 3 Q4025R5 Q4025N5 400 50 50 50 0.1 1 3 Q6025R5 Q6025N5 600 50 50 50 0.1 1 3 Q8025R5 Q8025N5 800 50 50 50 0.1 1 3 QK025R5 QK025N5 1000 50 50 50 0.1 3 Q6025P5 600 50 50 50 120 0.1 5 Q8025P5 800 50 50 50 120 0.1 5 35 A Q6035P5 600 50 50 50 120 0.1 5 Q8035P5 800 50 50 50 120 0.1 5 MT1 MT2 Gate MT1 MT2 G MT1 G MT2 MT2 MT1 G MT2 MT2 MT2 MT2 MT1 G |
Số phần tương tự - Q2008L4 |
|
Mô tả tương tự - Q2008L4 |