công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74VHC139DT bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC74VHC139DT
Giải thích chi tiết về linh kiện  Dual 2-to-4 Decoder/Demultiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74VHC139DT bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC74VHC139DT Datasheet HTML 1Page - Motorola, Inc MC74VHC139DT Datasheet HTML 2Page - Motorola, Inc MC74VHC139DT Datasheet HTML 3Page - Motorola, Inc MC74VHC139DT Datasheet HTML 4Page - Motorola, Inc MC74VHC139DT Datasheet HTML 5Page - Motorola, Inc MC74VHC139DT Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1997
6/97
Dual 2-to-4 Decoder/
Demultiplexer
The MC74VHC139 is an advanced high speed CMOS 2–to–4 decoder/
demultiplexer fabricated with silicon gate CMOS technology. It achieves high
speed operation similar to equivalent Bipolar Schottky TTL while maintaining
CMOS low power dissipation.
When the device is enabled (E = low), it can be used for gating or as a data
input for demultiplexing operations. When the enable input is held high, all
four outputs are fixed high, independent of other inputs.
The internal circuit is composed of three stages, including a buffer output
which provides high noise immunity and stable output. The inputs tolerate
voltages up to 7V, allowing the interface of 5V systems to 3V systems.
• High Speed: tPD = 5.0ns (Typ) at VCC = 5V
• Low Power Dissipation: ICC = 4µΑ (Max) at TA = 25°C
• High Noise Immunity: VNIH = VNIL = 28% VCC
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Designed for 2V to 5.5V Operating Range
• Low Noise: VOLP = 0.8 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300mA
• ESD Performance: HBM > 2000V; Machine Model > 200V
• Chip Complexity: 100 FETs or 25 Equivalent Gates
LOGIC DIAGRAM
A0a
A1a
Ea
A0b
A1b
1
Eb
Y0a
Y1a
Y2a
Y3a
Y0b
Y1b
Y2b
Y3b
ACTIVE–LOW
OUTPUTS
ADDRESS
INPUTS
ACTIVE–LOW
OUTPUTS
3
2
ADDRESS
INPUTS
13
14
15
4
5
6
7
12
11
10
9
MC74VHC139
D SUFFIX
16–LEAD SOIC PACKAGE
CASE 751B–05
DT SUFFIX
16–LEAD TSSOP PACKAGE
CASE 948F–01
ORDERING INFORMATION
MC74VHCXXXD
MC74VHCXXXDT
MC74VHCXXXM
SOIC
TSSOP
SOIC EIAJ
M SUFFIX
16–LEAD SOIC EIAJ PACKAGE
CASE 966–01
FUNCTION TABLE
PIN ASSIGNMENT
Inputs
Outputs
E
A1
A0
Y0
Y1 Y2
Y3
HX
X
H
H
H
H
LL
L
L
H
H
H
LL
H
H
L
H
H
LH
L
H
H
L
H
LH
H
H
H
H
L
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
Ea
A1a
A0a
GND
A1b
A0b
Eb
VCC
Y0a
Y1a
Y2a
Y3a
Y0b
Y1b
Y2b
Y3b


Số phần tương tự - MC74VHC139DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHC139DT ONSEMI-MC74VHC139DT Datasheet
121Kb / 8P
   Dual 2?뭪o?? Decoder/Demultiplexer
August, 2004 ??Rev. 3
MC74VHC139DTR2 ONSEMI-MC74VHC139DTR2 Datasheet
121Kb / 8P
   Dual 2?뭪o?? Decoder/Demultiplexer
August, 2004 ??Rev. 3
MC74VHC139DTR2G ONSEMI-MC74VHC139DTR2G Datasheet
135Kb / 8P
   Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
More results

Mô tả tương tự - MC74VHC139DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74VHCT139A STMICROELECTRONICS-74VHCT139A_04 Datasheet
277Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC74VHC139 ONSEMI-MC74VHC139_11 Datasheet
135Kb / 8P
   Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
MC74VHCT139A ONSEMI-MC74VHCT139A_14 Datasheet
99Kb / 7P
   Dual 2-to-4 Decoder/ Demultiplexer
October, 2014 ??Rev. 6
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
63Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
June 1999
logo
ON Semiconductor
74VHC139 ONSEMI-74VHC139 Datasheet
177Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139_04 Datasheet
293Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
74VHCT139A STMICROELECTRONICS-74VHCT139A Datasheet
62Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74LVX139 ONSEMI-MC74LVX139 Datasheet
162Kb / 12P
   Dual 2-to-4 Decoder/ Demultiplexer
April, 2001 ??Rev. 1
MC74LVX139 ONSEMI-MC74LVX139_05 Datasheet
93Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
March, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com