công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NBWLVEP16VR bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện NBWLVEP16VR
Giải thích chi tiết về linh kiện  2.5V/3.3V/5V ECL Differential Receiver/Driver with Oscillator Gain Stage and Enabled High Gain Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBWLVEP16VR bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button NBWLVEP16VR Datasheet HTML 6Page - ON Semiconductor NBWLVEP16VR Datasheet HTML 7Page - ON Semiconductor NBWLVEP16VR Datasheet HTML 8Page - ON Semiconductor NBWLVEP16VR Datasheet HTML 9Page - ON Semiconductor NBWLVEP16VR Datasheet HTML 10Page - ON Semiconductor NBWLVEP16VR Datasheet HTML 11Page - ON Semiconductor NBWLVEP16VR Datasheet HTML 12Page - ON Semiconductor NBWLVEP16VR Datasheet HTML 13Page - ON Semiconductor NBWLVEP16VR Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NBLVEP16VR
http://onsemi.com
10
Figure 8. Typical Termination for Output Driver
VEEP Open (See Application Note AND8020 − Termination of ECL Logic Devices.)
Figure 9. QHG/QHG Output Loading and Termination, VEEP = VEE.
Driver
Receiver
Q
D
Q
D
VEE
*R
Figure 10. Q/Q Output Loading and Termination, CS_SEL Open or Tied to VEE or VCC
Driver
Receiver
QHG
D
QHG
D
CS_SEL (Open or Tied to VEE)
*R = 2 Zo = 100 W for 50 W Transmission
Lines
VEEP
*R
*R = 2 Zo = 100 W for 50 W Transmission Lines
VEE
VEE
VEE
Driver
Receiver
QHG
D
QHG
D
VEEP (OPEN)
Zo = 50 W
VTT
VTT = VCC − 2.0 V
50
W
50
W
Zo = 50 W
Zo = 50 W
Zo = 50 W
Zo = 50 W
Zo = 50 W


Mô tả tương tự - NBWLVEP16VR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC100EP16VB ONSEMI-MC100EP16VB Datasheet
151Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain
December, 2006 ??Rev. 4
MC100EP16VC ONSEMI-MC100EP16VC_06 Datasheet
156Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
December, 2006 ??Rev. 5
MC100EP16VC ONSEMI-MC100EP16VC Datasheet
72Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
September, 2003??Rev. 2
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com