công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74VHC126 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC74VHC126
Giải thích chi tiết về linh kiện  Quad Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC126 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC74VHC126 Datasheet HTML 1Page - ON Semiconductor MC74VHC126 Datasheet HTML 2Page - ON Semiconductor MC74VHC126 Datasheet HTML 3Page - ON Semiconductor MC74VHC126 Datasheet HTML 4Page - ON Semiconductor MC74VHC126 Datasheet HTML 5Page - ON Semiconductor MC74VHC126 Datasheet HTML 6Page - ON Semiconductor MC74VHC126 Datasheet HTML 7Page - ON Semiconductor MC74VHC126 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74VHC126
http://onsemi.com
3
IIN
Maximum Input
Leakage Current
VIN = 5.5V or GND
0 to
5.5
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
5.5
4.0
40
40
µA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
TA = 25°C
TA = ≤ 85°C
TA = ≤ 125°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation
Delay,
AtoY
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
5.6
8.1
8.0
11.5
1.0
1.0
9.5
13.0
1.0
1.0
12.0
15.0
ns
A to Y
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
3.8
5.3
5.5
7.5
1.0
1.0
6.5
8.5
1.0
1.0
8.5
10.5
tPZL,
tPZH
Maximum Output Enable
TIme,
OE to Y
VCC = 3.3 ± 0.3V
CL = 15pF
RL = 1kΩ
CL = 50pF
5.4
7.9
8.0
11.5
1.0
1.0
9.5
13.0
1.0
1.0
11.5
15.0
ns
OE to Y
VCC = 5.0 ± 0.5V
CL = 15pF
RL = 1kΩ
CL = 50pF
3.6
5.1
5.1
7.1
1.0
1.0
6.0
8.0
1.0
1.0
7.5
9.5
tPLZ,
tPHZ
Maximum Output
Disable Time,
OE to Y
VCC = 3.3 ± 0.3V
CL = 50pF
RL = 1kΩ
9.5
13.2
1.0
15.0
1.0
18.0
ns
OE to Y
VCC = 5.0 ± 0.5V
CL = 50pF
RL = 1kΩ
6.1
8.8
1.0
10.0
1.0
12.0
tOSLH,
tOSHL
Output–to–Output Skew
VCC = 3.3 ± 0.3V
CL = 50pF
(Note 1.)
1.5
1.5
1.5
ns
VCC = 5.0 ± 0.5V
CL = 50pF
(Note 1.)
1.0
1.0
1.0
Cin
Maximum Input
Capacitance
4
10
10
10
pF
Cout
Maximum Three–State
Output Capacitance
(Output in High
Impedance State)
6
pF
Typical @ 25
°C, VCC = 5.0V
CPD
Power Dissipation Capacitance (Note 2.)
15
pF
1. Parameter guaranteed by design. tOSLH = |tPLHm – tPLHn|, tOSHL = |tPHLm – tPHLn|.
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 4 (per buffer). CPD is used to determine the
no–load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
TA = 25°C
Symbol
Characteristic
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.3
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
– 0.3
– 0.8
V
VIHD
Minimum High Level Dynamic Input Voltage
3.5
V
VILD
Maximum Low Level Dynamic Input Voltage
1.5
V


Số phần tương tự - MC74VHC126

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHC126DR2G ONSEMI-MC74VHC126DR2G Datasheet
128Kb / 9P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2011 ??Rev. 5
MC74VHC126DTR2G ONSEMI-MC74VHC126DTR2G Datasheet
128Kb / 9P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2011 ??Rev. 5
MC74VHC126 ONSEMI-MC74VHC126_11 Datasheet
128Kb / 9P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2011 ??Rev. 5
More results

Mô tả tương tự - MC74VHC126

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F Datasheet
243Kb / 7P
   QUAD BUS BUFFER
logo
ON Semiconductor
MC74VHC125 ONSEMI-MC74VHC125 Datasheet
164Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 2
MC74VHCT126A ONSEMI-MC74VHCT126A_16 Datasheet
98Kb / 6P
   Quad Bus Buffer
October, 2016 ??Rev. 11
MC74LVX125 ONSEMI-MC74LVX125_14 Datasheet
110Kb / 6P
   Quad Bus Buffer
August, 2014 ??Rev. 4
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F_07 Datasheet
259Kb / 11P
   Quad Bus Buffer
TC74HC125AP TOSHIBA-TC74HC125AP_07 Datasheet
279Kb / 9P
   Quad Bus Buffer
TC74VHCT125AF TOSHIBA-TC74VHCT125AF_07 Datasheet
254Kb / 10P
   Quad Bus Buffer
TC74VHC125F TOSHIBA-TC74VHC125F_12 Datasheet
227Kb / 10P
   Quad Bus Buffer
logo
ON Semiconductor
MC74LVX125 ONSEMI-MC74LVX125_11 Datasheet
137Kb / 7P
   Quad Bus Buffer
May, 2011 ??Rev. 3
logo
Toshiba Semiconductor
TC74LVX125F TOSHIBA-TC74LVX125F Datasheet
250Kb / 8P
   QUAD BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com