công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MV37509.MP5 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor |
|
MV37509.MP5 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor |
1 / 7 page PACKAGE DIMENSIONS 12/11/02 Page 1 of 7 © 2002 Fairchild Semiconductor Corporation PCB MOUNT LED INDICATORS MAX .160 (4.57) .125 (3.18) .185 REF (4.70) .250 (6.35) .200 (5.08) .400 (10.16) .100 TYP (2.54) CATHODE .120 DIA. (3.05) .025 (.63) .015 (.37) .025 (.63) .015 (.37) .290 MAX (7.37) Description For right-angle and vertical viewing, the QT Optoelectronics LED circuit board indicators come in T-3/4, T-1 and T-1 3/4 lamp sizes, and in single, dual and multiple packages. The indicators are available in AlGaAs red, high-efficiency red, bright red, green, yellow, and bi-color at standard drive currents, as well as at 2 mA drive current. To reduce component cost and save space, 5V and 12V types are available with integrated resistors. The LEDs are packaged in a black plastic housing for optical contrast, and the housing meets UL94V-O Flammability specifications. First color indicated is on top, and the second color is on the bottom. For example: QLA694B-GY has GRN(top)/YEL(bottom). General Notes: 1. All dimensions are in inches (mm). 2. Tolerance is ±0.15 (± .38) unless otherwise specified. 3. All electrical values are typical. 4. All parts have colored diffused lens except those with an asterisk (*), which denotes colored clear lens. 5. Custom color combinations are available. T-1 (3mm) Part Number Color View Angle (°) VF mcd @ mA PKG. FIG MV5064.MP4A MV5364.MP4A MV5464.MP4A MV5764.MP4A RED YELLOW GREEN H-E RED 60 60 60 60 1.6 2.1 2.2 2.0 1.5 2.0 5.0 2.0 20 10 20 10 4A 4A 4A 4A MV5064.MP4B MV5364.MP4B MV5464.MP4B MV5764.MP4B RED YELLOW GREEN H-E RED 60 60 60 60 1.6 2.1 2.2 2.0 1.5 2.0 5.0 2.0 20 10 20 10 4B 4B 4B 4B LOW CURRENT (2mA) HLMP-1700.MP4A HLMP-1719.MP4A HLMP-1790.MP4A H-E RED YELLOW GREEN 50 50 50 1.8 1.9 1.9 2.0 2.0 2.0 2 2 2 4A 4A 4A HLMP-1700.MP4B HLMP-1719.MP4B HLMP-1790.MP4B H-E RED YELLOW GREEN 50 50 50 1.8 1.9 1.9 2.0 2.0 2.0 2 2 2 4B 4B 4B AlGaAs RED HLMP-K101.MP4A HLMP-K105.MP4A HLMP-K150.MP4A HLMP-K155.MP4A AlGaAs RED AlGaAs RED* AlGaAs RED AlGaAs RED* 60 35 60 45 1.8 1.8 1.6 1.6 45.0 65.0 2.0 3.0 20 20 1 1 4A 4A 4A 4A HLMP-K101.MP4B HLMP-K105.MP4B HLMP-K150.MP4B HLMP-K155.MP4B AlGaAs RED AlGaAs RED* AlGaAs RED AlGaAs RED* 60 35 60 45 1.8 1.8 1.6 1.6 45.0 65.0 2.0 3.0 20 20 1 1 4B 4B 4B 4B T-1 (3mm) bilevel Part Number Color View Angle (°) VF mcd @ mA PKG. FIG. QLA694B-2H QLA694B-2I QLA694B-2G QLA694B-2Y QLA694B-HG QLA694B-GY B. RED/B. RED H-E RED/H-E RED GRN/GRN YEL/YEL B. RED/GRN GRN/YEL 140 140 140 140 140 140 2.1 2.0 2.1 2.0 2.1 2.1 1.4 6.0 6.0 6.0 1.4 6.0 10 10 10 10 10 10 4C 4C 4C 4C 4C 4C MAX .160 (4.57) .080 (2.03) .185 REF (4.70) .250 (6.35) .200 (5.08) .400 (10.16) .100 TYP (2.54) CATHODE .120 DIA. (3.05) .025 (.63) .015 (.37) .025 (.63) .015 (.37) .290 MAX (7.37) .169 (4.30) .200 (5.08) .100 (2.54) .100 (2.54) .100 (2.54) .200 (5.08) .380 (9.65) .138 (3.5)MIN .100 (2.54) .354 (9.0) Fig. - 4A Fig. - 4B Fig. - 4C |
Số phần tương tự - MV37509.MP5 |
|
Mô tả tương tự - MV37509.MP5 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |