công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LCX646SD bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC74LCX646SD
Giải thích chi tiết về linh kiện  LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX646SD bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC74LCX646SD Datasheet HTML 1Page - ON Semiconductor MC74LCX646SD Datasheet HTML 2Page - ON Semiconductor MC74LCX646SD Datasheet HTML 3Page - ON Semiconductor MC74LCX646SD Datasheet HTML 4Page - ON Semiconductor MC74LCX646SD Datasheet HTML 5Page - ON Semiconductor MC74LCX646SD Datasheet HTML 6Page - ON Semiconductor MC74LCX646SD Datasheet HTML 7Page - ON Semiconductor MC74LCX646SD Datasheet HTML 8Page - ON Semiconductor MC74LCX646SD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC74LCX646
MOTOROLA
LCX DATA
BR1339 — REV 3
4
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Value
Condition
Unit
VCC
DC Supply Voltage
–0.5 to +7.0
V
VI
DC Input Voltage
–0.5
≤ VI ≤ +7.0
V
VO
DC Output Voltage
–0.5
≤ VO ≤ +7.0
Output in 3–State
V
–0.5
≤ VO ≤ VCC + 0.5
Note 1.
V
IIK
DC Input Diode Current
–50
VI < GND
mA
IOK
DC Output Diode Current
–50
VO < GND
mA
+50
VO > VCC
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current Per Ground Pin
±100
mA
TSTG
Storage Temperature Range
–65 to +150
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions
beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is not implied.
1. Output in HIGH or LOW State. IO absolute maximum rating must be observed.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
Operating
Data Retention Only
2.0
1.5
3.3
3.3
3.6
3.6
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
(HIGH or LOW State)
(3–State)
0
0
VCC
5.5
V
IOH
HIGH Level Output Current, VCC = 3.0V – 3.6V
–24
mA
IOL
LOW Level Output Current, VCC = 3.0V – 3.6V
24
mA
IOH
HIGH Level Output Current, VCC = 2.7V – 3.0V
–12
mA
IOL
LOW Level Output Current, VCC = 2.7V – 3.0V
12
mA
TA
Operating Free–Air Temperature
–40
+85
°C
∆t/∆V
Input Transition Rise or Fall Rate, VIN from 0.8V to 2.0V,
VCC = 3.0V
0
10
ns/V
DC ELECTRICAL CHARACTERISTICS
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 2.)
2.7V
≤ VCC ≤ 3.6V
2.0
V
VIL
LOW Level Input Voltage (Note 2.)
2.7V
≤ VCC ≤ 3.6V
0.8
V
VOH
HIGH Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOH = –100µA
VCC – 0.2
V
VCC = 2.7V; IOH = –12mA
2.2
VCC = 3.0V; IOH = –18mA
2.4
VCC = 3.0V; IOH = –24mA
2.2
VOL
LOW Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOL = 100µA
0.2
V
VCC = 2.7V; IOL= 12mA
0.4
VCC = 3.0V; IOL = 16mA
0.4
VCC = 3.0V; IOL = 24mA
0.55
2. These values of VI are used to test DC electrical characteristics only.


Số phần tương tự - MC74LCX646SD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LCX646SD MOTOROLA-MC74LCX646SD Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
More results

Mô tả tương tự - MC74LCX646SD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
MC74LCX2952 MOTOROLA-MC74LCX2952 Datasheet
182Kb / 10P
   LOW-VOLTAGE CMOS OCTAL REGISTERED TRANSCEIVER
MC74LVQ652 MOTOROLA-MC74LVQ652 Datasheet
244Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
MC74LCX652 MOTOROLA-MC74LCX652 Datasheet
177Kb / 9P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
MC74LCX16646 MOTOROLA-MC74LCX16646 Datasheet
164Kb / 10P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX245DTG ONSEMI-MC74LCX245DTG Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
MC74LCX245DWR2G ONSEMI-MC74LCX245DWR2G Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
logo
Motorola, Inc
MC74LCX2245 MOTOROLA-MC74LCX2245 Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX245 MOTOROLA-MC74LCX245 Datasheet
157Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com