công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LCX573DT bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC74LCX573DT
Giải thích chi tiết về linh kiện  LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX573DT bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC74LCX573DT Datasheet HTML 1Page - ON Semiconductor MC74LCX573DT Datasheet HTML 2Page - ON Semiconductor MC74LCX573DT Datasheet HTML 3Page - ON Semiconductor MC74LCX573DT Datasheet HTML 4Page - ON Semiconductor MC74LCX573DT Datasheet HTML 5Page - ON Semiconductor MC74LCX573DT Datasheet HTML 6Page - ON Semiconductor MC74LCX573DT Datasheet HTML 7Page - ON Semiconductor MC74LCX573DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74LCX573
MOTOROLA
LCX DATA
BR1339 — REV 3
2
O0
D0
O1
D1
O2
D2
O3
D3
O4
D4
O5
D5
O6
D6
O7
D7
LOGIC DIAGRAM
nLE
Q
D
nLE
Q
D
nLE
Q
D
nLE
Q
D
nLE
Q
D
nLE
Q
D
nLE
Q
D
nLE
Q
D
LE
OE
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
11
1
INPUTS
OUTPUTS
OE
LE
Dn
On
OPERATING MODE
L
L
H
H
H
L
H
L
Transparent (Latch Disabled); Read Latch
L
L
L
L
h
l
H
L
Latched (Latch Enabled) Read Latch
L
L
X
NC
Hold; Read Latch
H
L
X
Z
Hold; Disabled Outputs
H
H
H
H
H
L
Z
Z
Transparent (Latch Disabled); Disabled Outputs
H
H
L
L
h
l
Z
Z
Latched (Latch Enabled); Disabled Outputs
H = High Voltage Level; h = High Voltage Level One Setup Time Prior to the Latch Enable High–to–Low Transition;
L = Low Voltage Level; l = Low Voltage Level One Setup Time Prior to the Latch Enable High–to–Low Transition;
NC = No Change, State Prior to the Latch Enable High–to–Low Transition; X = High or Low Voltage Level or Transitions
are Acceptable; Z = High Impedance State; For ICC Reasons DO NOT FLOAT Inputs


Số phần tương tự - MC74LCX573DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LCX573DT MOTOROLA-MC74LCX573DT Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX573DT ONSEMI-MC74LCX573DT Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 7
MC74LCX573DTG ONSEMI-MC74LCX573DTG Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 7
MC74LCX573DTG ONSEMI-MC74LCX573DTG Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
MC74LCX573DTR2 ONSEMI-MC74LCX573DTR2 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 7
More results

Mô tả tương tự - MC74LCX573DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LVQ373 MOTOROLA-MC74LVQ373 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX373 MOTOROLA-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 4
logo
Motorola, Inc
MC74LVQ573 MOTOROLA-MC74LVQ573 Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX573 MOTOROLA-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373_07 Datasheet
120Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
November, 2007 - Rev. 8
MC74LCX373 ONSEMI-MC74LCX373_13 Datasheet
137Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
January, 2013 ??Rev. 12
74LVT573 ONSEMI-74LVT573 Datasheet
342Kb / 13P
   Low Voltage Octal Transparent Latch
January 2008 Rev. 1.7.0
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
logo
Renesas Technology Corp
IDT74FCT3573 RENESAS-IDT74FCT3573 Datasheet
240Kb / 8P
   3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com